Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9UMS9001 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9UMS9001
Description  PC MAIN CLOCK - CK540
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9UMS9001 Datasheet(HTML) 1 Page - Integrated Device Technology

  9UMS9001 Datasheet HTML 1Page - Integrated Device Technology 9UMS9001 Datasheet HTML 2Page - Integrated Device Technology 9UMS9001 Datasheet HTML 3Page - Integrated Device Technology 9UMS9001 Datasheet HTML 4Page - Integrated Device Technology 9UMS9001 Datasheet HTML 5Page - Integrated Device Technology 9UMS9001 Datasheet HTML 6Page - Integrated Device Technology 9UMS9001 Datasheet HTML 7Page - Integrated Device Technology 9UMS9001 Datasheet HTML 8Page - Integrated Device Technology 9UMS9001 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
9UMS9001
IDT® PC MAIN CLOCK - CK540
1247B—07/19/10
PC MAIN CLOCK - CK540
1
Recommended Application:
Features/Benefits:
Calistoga Based Ultra-Mobile PC (UMPC)
Supports Dothan ULV CPUs with 100 and
133 MHz CPU outputs
Dedicated TEST/SEL and TEST/MODE pins
saves isolation resistors on pins
PCI_SRC and CPU STOP inputs for power
manangment
Fully integrated Vreg
Integrated series resistors on differential
outputs
Supports split rail operation for maximum
power savings
Also runs from single 3.3V rail
1.05V-3.3V support for differential VDDIO
Pin Configuration
Output Features:
2 - CPU Low Power differential push-pull pairs
1 - ITP low power differential push-pull pair
4 - SRC low power differential push-pull pairs
1 - LCD100 SSCD low power differential
push-pull pair
1 - DOT96 low power differential push-pull
pair
3 - PCI, 33MHz
1 - USB, 48MHz
1 - REF, 14.31818MHz
56 55 54 53 52 51 50 49 48 47 46 45 44 43
X2 1
42 CLKREQ2#
X1 2
41 CLKREQ3#
VDDREFIO_3.3 3
40 VDDCORE_3.3
REF0 4
39 SRC3T_LPRS
SDATA 538 SRC3C_LPRS
SCLK 6
37 SRC2T_LPRS
TEST_SEL 7
36 SRC2C_LPRS
TEST_MODE 8
35 VDDIO_SRC
PCI_STOP# 9
34 GNDSRC
VDDIO_PCI3.3 10
33 SRC1T_LPRS
PCI0 11
32 SRC1C_LPRS
PCI1 12
31 SRC0T_LPRS
PCI_F2 13
30 SRC0C_LPRS
GNDPCI 14
29 CKLREQ0#
15 16 17 18 19 20 21 22 23 24 25 26 27 28
56-pin MLF
ICS9UMS9001


Similar Part No. - 9UMS9001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9UMS9001 RENESAS-9UMS9001 Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
9UMS9001AKLF RENESAS-9UMS9001AKLF Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
9UMS9001AKLFT RENESAS-9UMS9001AKLFT Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
More results

Similar Description - 9UMS9001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9UMS9001 RENESAS-9UMS9001 Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
logo
Integrated Device Techn...
ICS954148AFLF IDT-ICS954148AFLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS9UMS9610CKLFT IDT-ICS9UMS9610CKLFT Datasheet
141Kb / 20P
   PC MAIN CLOCK
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
   PC MAIN CLOCK
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS952911BF IDT-ICS952911BF Datasheet
55Kb / 1P
   PC MAIN CLOCK
9LP505-2HFLF IDT-9LP505-2HFLF Datasheet
115Kb / 1P
   PC MAIN CLOCK CK505 clock, 56-pin Intel Yellow Cover part
logo
Winbond
W83194BR-PT WINBOND-W83194BR-PT Datasheet
716Kb / 24P
   STEPLESS VIA PT MAIN CLOCK GENERATOR
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
   180 W PC Main SFX Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com