Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9UMS9001AKLFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9UMS9001AKLFT
Description  PC MAIN CLOCK - CK540
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9UMS9001AKLFT Datasheet(HTML) 3 Page - Integrated Device Technology

  9UMS9001AKLFT Datasheet HTML 1Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 2Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 3Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 4Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 5Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 6Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 7Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 8Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IDT® PC MAIN CLOCK - CK540
1247B—07/19/10
Advance Information
9UMS9001
PC MAIN CLOCK - CK540
3
Pin Description (continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
29
CKLREQ0#
IN
Clock request input for SRC output pair 0. See the SRC, LCD, DOT Power Management Table for
details
30
SRC0C_LPRS
OUT
Complement side of low-power CK505-type SRC0 differential clock. Rs is integrated (No external
series resistor required).
31
SRC0T_LPRS
OUT
True side of low-power CK505-type SRC0 differential clock. Rs is integrated (No external series
resistor required).
32
SRC1C_LPRS
OUT
Complement side of low-power CK505-type SRC1 differential clock. Rs is integrated (No external
series resistor required).
33
SRC1T_LPRS
OUT
True side of low-power CK505-type SRC1 differential clock. Rs is integrated (No external series
resistor required).
34
GNDSRC
PWR Ground for SRC clocks
35
VDDIO_SRC
PWR Power supply for SRC outputs. VDD_IO = 1.05 to 3.3V +/-5%.
36
SRC2C_LPRS
OUT
Complement side of low-power CK505-type SRC2 differential clock. Rs is integrated (No external
series resistor required).
37
SRC2T_LPRS
OUT
True side of low-power CK505-type SRC2 differential clock. Rs is integrated (No external series
resistor required).
38
SRC3C_LPRS
OUT
Complement side of low-power CK505-type SRC3 differential clock. Rs is integrated (No external
series resistor required).
39
SRC3T_LPRS
OUT
True side of low-power CK505-type SRC3 differential clock. Rs is integrated (No external series
resistor required).
40
VDDCORE_3.3
PWR 3.3V Power supply for 3.3V core
41
CLKREQ3#
IN
Clock request input for SRC output pair 2. See the SRC, LCD, DOT Power Management Table for
details
42
CLKREQ2#
IN
Clock request input for SRC output pair 2. See the SRC, LCD, DOT Power Management Table for
details
43
FSLB
IN
Low threshold Frequency Select input. See Table 1: CPU Frequency Select Table and the Vih_fs and
Vil_fs specifications.
44
CPU_STOP#
IN
Stops all CPU clocks except those set to be free running.
45
CPUITPC_LPRS
OUT
Complement side of low-power CK505-type CPUITP differential clock. Rs is integrated (No external
series resistor required). Note that this pin is NOT muxed with an SRC output.
46
CPUITPT_LPRS
OUT
True side of low-power CK505-type CPUITP differential clock. Rs is integrated (No external series
resistor required).
47
CPU1C_LPRS
OUT
Complement side of low-power CK505-type CPU1 differential clock. Rs is integrated (No external
series resistor required). Note that this pin is NOT muxed with an SRC output.
48
CPU1T_LPRS
OUT
True side of low-power CK505-type CPU1 differential clock. Rs is integrated (No external series
resistor required).
49
VDDIO_CPU
PWR Power supply for CPU outputs. VDD_IO = 1.05 to 3.3V +/-5%.
50
GNDCPU
PWR Ground Pin for CPU Outputs
51
CPU0C_LPRS
OUT
Complement side of low-power CK505-type CPU1 differential clock. Rs is integrated (No external
series resistor required). Note that this pin is NOT muxed with an SRC output.
52
CPU0T_LPRS
OUT
True side of low-power CK505-type CPU1 differential clock. Rs is integrated (No external series
resistor required).
53
VDDCPUPLL_3.3
PWR 3.3V Power Supply for CPU PLL.
54
CK_PWRGD#/PD
IN
Notifies 9UMS9001 to sample latched inputs or enter power down mode.
1 = Power down mode
Falling Edge = Sample latched inputs
0 = Normal operation
55
FSLC
IN
Low threshold Frequency Select input. See Table 1: CPU Frequency Select Table and the Vih_fs and
Vil_fs specifications.
56
GNDREF
PWR Ground pin for crystal oscillator circuit and REF output


Similar Part No. - 9UMS9001AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9UMS9001AKLFT RENESAS-9UMS9001AKLFT Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
More results

Similar Description - 9UMS9001AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9UMS9001 RENESAS-9UMS9001 Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
logo
Integrated Device Techn...
ICS954148AFLF IDT-ICS954148AFLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS9UMS9610CKLFT IDT-ICS9UMS9610CKLFT Datasheet
141Kb / 20P
   PC MAIN CLOCK
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
   PC MAIN CLOCK
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS952911BF IDT-ICS952911BF Datasheet
55Kb / 1P
   PC MAIN CLOCK
9LP505-2HFLF IDT-9LP505-2HFLF Datasheet
115Kb / 1P
   PC MAIN CLOCK CK505 clock, 56-pin Intel Yellow Cover part
logo
Winbond
W83194BR-PT WINBOND-W83194BR-PT Datasheet
716Kb / 24P
   STEPLESS VIA PT MAIN CLOCK GENERATOR
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
   180 W PC Main SFX Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com