Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9UMS9001AKLFT Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9UMS9001AKLFT
Description  PC MAIN CLOCK - CK540
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9UMS9001AKLFT Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9UMS9001AKLFT Datasheet HTML 5Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 6Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 7Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 8Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 9Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 10Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 11Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 12Page - Integrated Device Technology 9UMS9001AKLFT Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IDT® PC MAIN CLOCK - CK540
1247B—07/19/10
Advance Information
9UMS9001
PC MAIN CLOCK - CK540
9
Notes on Electrical Characteristics:
1Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through Vswing centered around differential zero
3 Vxabs is defined as the voltage where CLK = CLK#
4 Only applies to the differential rising edge (CLK rising and CLK# falling)
6 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of
CLK and falling edge of CLK#. It is measured using a +/-75mV window centered on the average cross point where CLK meets
CLK#. The average cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate
calculations
7 Operation under these conditions is neither implied, nor guaranteed.
9 See PCI Clock-to-Clock Delay Figure
8 Maximum input voltage is not to exceed maximum VDD
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
Clock period
T
period
14.318MHz output nominal
69.8203
69.8622
ns
2
Absolute min/max period
T
abs
14.318MHz output nominal
69.8203
70.86224
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
Output High Current
I
OH
V
OH @MIN = 1.0 V,
V
OH@MAX = 3.135 V
-33
-33
mA
1
Output Low Current
I
OL
V
OL @MIN = 1.95 V,
V
OL @MAX = 0.4 V
30
38
mA
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Jitter
t
jcyc-cyc
V
T = 1.5 V
1000
ps
1


Similar Part No. - 9UMS9001AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9UMS9001AKLFT RENESAS-9UMS9001AKLFT Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
More results

Similar Description - 9UMS9001AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9UMS9001 RENESAS-9UMS9001 Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
logo
Integrated Device Techn...
ICS954148AFLF IDT-ICS954148AFLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS9UMS9610CKLFT IDT-ICS9UMS9610CKLFT Datasheet
141Kb / 20P
   PC MAIN CLOCK
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
   PC MAIN CLOCK
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS952911BF IDT-ICS952911BF Datasheet
55Kb / 1P
   PC MAIN CLOCK
9LP505-2HFLF IDT-9LP505-2HFLF Datasheet
115Kb / 1P
   PC MAIN CLOCK CK505 clock, 56-pin Intel Yellow Cover part
logo
Winbond
W83194BR-PT WINBOND-W83194BR-PT Datasheet
716Kb / 24P
   STEPLESS VIA PT MAIN CLOCK GENERATOR
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
   180 W PC Main SFX Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com