Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

954226AGLF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 954226AGLF
Description  Programmable Timing Control HubTM for Mobile P4TM Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

954226AGLF Datasheet(HTML) 5 Page - Integrated Device Technology

  954226AGLF Datasheet HTML 1Page - Integrated Device Technology 954226AGLF Datasheet HTML 2Page - Integrated Device Technology 954226AGLF Datasheet HTML 3Page - Integrated Device Technology 954226AGLF Datasheet HTML 4Page - Integrated Device Technology 954226AGLF Datasheet HTML 5Page - Integrated Device Technology 954226AGLF Datasheet HTML 6Page - Integrated Device Technology 954226AGLF Datasheet HTML 7Page - Integrated Device Technology 954226AGLF Datasheet HTML 8Page - Integrated Device Technology 954226AGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IDT®
Programmable Timing Control HubTM for Mobile P4TM Systems
0930A—04/13/10
954226
Programmable Timing Control HubTM for Mobile P4TM Systems
5
MLF Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
29
CPUCLKC2_ITP/PCIEXC6
OUT
Complementary clock of CPU_ITP/PCIEX differential pair CPU_ITP/PCIEX
output. These are current mode outputs. External resistors are required
for voltage bias. Selected by ITP_EN input.
30
CPUCLKT2_ITP/PCIEXT6
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias. / True clock of
differential PCIEX pair
31
VDDA
PWR
3.3V power for the PLL core.
32
GNDA
PWR
Ground pin for the PLL core.
33
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in
order to establish the appropriate current. 475 ohms is the standard value.
34
CPUCLKC1
OUT
Complementary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
35
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
36
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
37
CPUCLKC0
OUT
Complementary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
38
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
39
GND
PWR
Ground pin.
40
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
41
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
42
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
43
X2
OUT
Crystal output, Nominally 14.318MHz
44
X1
IN
Crystal input, Nominally 14.318MHz.
45
GND
PWR
Ground pin.
46
REF0
OUT
14.318 MHz reference clock.
47
REF1/FSLC/TEST_SEL
I/O
14.318 MHz reference clock./ 3.3V tolerant input for CPU frequency
selection. Refer to input electrical characteristics for Vil_FS and Vih_FS
values. /TEST_Sel: 3-level latched input to enable test mode. Refer to Test
Clarification Table
48
CPU_STOP#
IN
Stops all CPUCLK, except those set to be free running clocks
49
PCI/SRC_STOP#
IN
Stops all PCICLKs and SRCCLKs besides the free-running clocks at logic 0
level, when input low
50
PCICLK2/REQ_SEL**
I/O
3.3V PCI clock output / Latch select input pin. 0 = PCIEXCLK, 1 = PEREQ#
51
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
52
GND
PWR
Ground pin.
53
PCICLK3
OUT
PCI clock output.
54
PCICLK4
OUT
PCI clock output.
55
PCICLK5
OUT
PCI clock output.
56
GND
PWR
Ground pin.


Similar Part No. - 954226AGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
More results

Similar Description - 954226AGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
logo
Integrated Circuit Syst...
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
   Programmable Timing Control HubTM for Mobile P4TM Systems
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
   Programmable Timing Control HubTM for P4TM
logo
Renesas Technology Corp
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
logo
Integrated Device Techn...
9E4101AFILF IDT-9E4101AFILF Datasheet
194Kb / 19P
   Programmable Timing Control HubTM for Intel Systems
logo
Renesas Technology Corp
ICS9E4101 RENESAS-ICS9E4101 Datasheet
329Kb / 20P
   Programmable Timing Control HubTM for Intel Systems
2019
logo
Integrated Device Techn...
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com