Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9EPRS525 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9EPRS525
Description  56-pin CK505 for Embedded Intel Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9EPRS525 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9EPRS525 Datasheet HTML 7Page - Integrated Device Technology ICS9EPRS525 Datasheet HTML 8Page - Integrated Device Technology ICS9EPRS525 Datasheet HTML 9Page - Integrated Device Technology ICS9EPRS525 Datasheet HTML 10Page - Integrated Device Technology ICS9EPRS525 Datasheet HTML 11Page - Integrated Device Technology ICS9EPRS525 Datasheet HTML 12Page - Integrated Device Technology ICS9EPRS525 Datasheet HTML 13Page - Integrated Device Technology ICS9EPRS525 Datasheet HTML 14Page - Integrated Device Technology ICS9EPRS525 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IDTTM
56-pin CK505 for Embedded Intel Systems
1614B—01/21/10
ICS9EPRS525
11
56-pin CK505 for Embedded Systems
Table 3: IO_Vout select table
B9b2
B9b1
B9b0
IO_Vout
00
0
0.3V
00
1
0.4V
01
0
0.5V
01
1
0.6V
10
0
0.7V
10
1
0.8V
11
0
0.9V
11
1
1.0V
Table 4: Device ID table
000
0
B8b7
B8b6
B8b5
B8b4
Comment
56 pin TSSOP
Table 5: Slew Rate Selection Table
Bit 1
Bit 0
00
01
10
1
1
1X (2.0 V/ns)
Slew Rate
HI-Z
0.7X (1.4V/ns)
0.8X (1.6 V/ns)
Table 6. PCI3 Configuration Table
PCI3_CFG1
(Byte 11, bit 7)
PCI3_CFG0
(Byte 11, bit 6)
Low
0 or 1
0
0
0
0 = Default
Mid
0 or 1
0
1
1
1
High
TME=0
1
0
1
2
High
TME=1
1
1
1
3
PCI3/CFG0
HW Strap
PCI2/TME
HW Strap
Config Mode
Note: 2 bits are needed since
CFG0 is tri-level input
SRC_Main_SE
L
(Byte 0, bit 2)
Table 7. PLL Modes for PCI3 Configurations
Outputs
SSC
Outputs
SSC
Outputs
SSC
0 = Default
CPU/SRC/
PCI
Down
USB
NA
-
-
100MHz
PLL1
(Table 2
applies)
1
CPU
Down
USB
NA
SRC/PCI
Down
100MHz
PLL3
2
CPU
Center
USB
NA
SRC/PCI
Down
100MHz
PLL3
3
CPU
Center
USB/LAN25
NA
SRC/PCI
Down
25MHz SE
PLL2*
*Note: In Mode 3, Byte 8, bit (1:0) must be set to '1' to enable pin 17,18
Config
Mode
PLL1
PLL2
PLL3
SRC1
PLL Source
Table 8. ME Clock Selection Table
PCIF5/
ITP_EN
iAMT_EN
CPU2_AMT_EN CPU1_AMT_EN
x1
0
0
x1
0
1
11
1
0
11
1
1
CPU2 = iAMT Clock
CPU1 and CPU2 both run in iAMT mode
Reserved
Description
Default, CPU1 = iAMT Clock


Similar Part No. - ICS9EPRS525

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9EPRS525 RENESAS-ICS9EPRS525 Datasheet
351Kb / 21P
   56-pin CK505 for Embedded Intel Systems
2019
More results

Similar Description - ICS9EPRS525

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9EPRS525 RENESAS-ICS9EPRS525 Datasheet
351Kb / 21P
   56-pin CK505 for Embedded Intel Systems
2019
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_11 Datasheet
206Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525_1107 IDT-ICS9LPRS525_1107 Datasheet
206Kb / 21P
   56-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LPRS525 RENESAS-ICS9LPRS525 Datasheet
328Kb / 21P
   56-pin CK505 for Intel Systems
2019
logo
Integrated Device Techn...
ICS9LP525-2 IDT-ICS9LP525-2 Datasheet
232Kb / 21P
   56-pin CK505 for Intel Desktop Systems
logo
Renesas Technology Corp
ICS9LP525-2 RENESAS-ICS9LP525-2 Datasheet
369Kb / 22P
   56-pin CK505 for Intel Desktop Systems
2019
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
   48-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
   32-pin CK505 for Intel Systems
01/06/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com