Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LPR502YFLFT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9LPR502YFLFT
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9LPR502YFLFT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9LPR502YFLFT Datasheet HTML 6Page - Integrated Device Technology 9LPR502YFLFT Datasheet HTML 7Page - Integrated Device Technology 9LPR502YFLFT Datasheet HTML 8Page - Integrated Device Technology 9LPR502YFLFT Datasheet HTML 9Page - Integrated Device Technology 9LPR502YFLFT Datasheet HTML 10Page - Integrated Device Technology 9LPR502YFLFT Datasheet HTML 11Page - Integrated Device Technology 9LPR502YFLFT Datasheet HTML 12Page - Integrated Device Technology 9LPR502YFLFT Datasheet HTML 13Page - Integrated Device Technology 9LPR502YFLFT Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator
1124D—02/26/09
Advance Information
ICS9LPR502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
10
Datasheet
MLF Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
43
VDDSRC_IO
PWR
Power supply for SRC outputs. 1.05 to 3.3V +/-5%.
44
CPUC2_ITP/SRCC8
OUT
Complement clock of low power differential CPU2/Complement clock of differential SRC pair. The function of this
pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8#
1 = ITP#
45
CPUT2_ITP/SRCT8
OUT
True clock of low power differential CPU2/True clock of differential SRC pair. The function of this pin is determined
by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8
1 = ITP
46
NC
NC
Not Connected
47
VDDCPU_IO
PWR
Power supply for CPU outputs. 1.05 to 3.3V +/-5%.
48
CPUC1_F
OUT
Complement clock of low power differenatial CPU clock pair. This clock will be free-running during iAMT.
49
CPUT1_F
OUT
True clock of low power differential CPU clock pair. This clock will be free-running during iAMT.
50
GNDCPU
PWR
Ground Pin for CPU Outputs
51
CPUC0
OUT
Complement clock of low power differential CPU clock pair.
52
CPUT0
OUT
True clock of low power differential CPU clock pair.
53
VDDCPU
PWR
Power Supply 3.3V nominal.
54
CK_PWRGD/PD#
IN
Notifies CK505 to sample latched inputs, or iAMT entry/exit, or PWRDWN# mode
55
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS
values. TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test mode. Refer
to Test Clarification Table.
56
GNDREF
PWR
Ground pin for crystal oscillator circuit


Similar Part No. - 9LPR502YFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LPR502YFLFT RENESAS-9LPR502YFLFT Datasheet
442Kb / 30P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
More results

Similar Description - 9LPR502YFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9LPR502 RENESAS-ICS9LPR502 Datasheet
442Kb / 30P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
logo
List of Unclassifed Man...
ICS9LPR502SGLFT ETC-ICS9LPR502SGLFT Datasheet
285Kb / 29P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
logo
Renesas Technology Corp
ICS9LPRS502 RENESAS-ICS9LPRS502 Datasheet
440Kb / 30P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
logo
Integrated Device Techn...
ICS9LPRS502 IDT-ICS9LPRS502 Datasheet
285Kb / 29P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
ICS9LPR501 IDT-ICS9LPR501_09 Datasheet
229Kb / 21P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
   64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Circuit Syst...
ICS9LPR501 ICST-ICS9LPR501 Datasheet
237Kb / 22P
   64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Device Techn...
ICS9LPRS365BGLF IDT-ICS9LPRS365BGLF Datasheet
481Kb / 28P
   64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
   64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com