Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LRS4103BKLF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9LRS4103BKLF
Description  32-pin CK505 for Intel Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9LRS4103BKLF Datasheet(HTML) 3 Page - Integrated Device Technology

  9LRS4103BKLF Datasheet HTML 1Page - Integrated Device Technology 9LRS4103BKLF Datasheet HTML 2Page - Integrated Device Technology 9LRS4103BKLF Datasheet HTML 3Page - Integrated Device Technology 9LRS4103BKLF Datasheet HTML 4Page - Integrated Device Technology 9LRS4103BKLF Datasheet HTML 5Page - Integrated Device Technology 9LRS4103BKLF Datasheet HTML 6Page - Integrated Device Technology 9LRS4103BKLF Datasheet HTML 7Page - Integrated Device Technology 9LRS4103BKLF Datasheet HTML 8Page - Integrated Device Technology 9LRS4103BKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IDT® PC MAIN CLOCK
1520A—03/16/10
ICS9LRS4103
PC MAIN CLOCK
3
ICS9LRS4103 is compatible with the Intel CK505 Yellow Cover specification. This clock synthesizer provides a single chip solution for
Intel desktop 5 series chipsets.
ICS9LRS4103 is driven with a 14.318MHz crystal. It also provides a tight ppm accuracy output for Serial
ATA and PCI-Express support.
General Description
Block Diagram
PLL2
DOT96
(Non-SS)
PLL1
CPU/SRC
(SS)
Div
Div
Div
Div
CPU
100/133MHz
SRC
100MHz
SATA
(non-SS/SS)
100MHz
DOT96MHz
(non-SS)
REF
14.318MHz
PLL3
SSC_DISP
(SS)
SSC_DISP
120/100MHz
14.318M


Similar Part No. - 9LRS4103BKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LRS4103BKLF RENESAS-9LRS4103BKLF Datasheet
295Kb / 16P
   32-pin CK505 for Intel Systems
03/16/10
9LRS4103BKLF RENESAS-9LRS4103BKLF Datasheet
193Kb / 15P
   32-pin CK505 for Intel Systems
01/06/11
9LRS4103BKLFT RENESAS-9LRS4103BKLFT Datasheet
295Kb / 16P
   32-pin CK505 for Intel Systems
03/16/10
9LRS4103BKLFT RENESAS-9LRS4103BKLFT Datasheet
193Kb / 15P
   32-pin CK505 for Intel Systems
01/06/11
More results

Similar Description - 9LRS4103BKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
   32-pin CK505 for Intel Systems
01/06/11
ICS9LRS4903 RENESAS-ICS9LRS4903 Datasheet
235Kb / 16P
   32-pin CK505 for Intel Systems
2019
9LRS4103 RENESAS-9LRS4103 Datasheet
295Kb / 16P
   32-pin CK505 for Intel Systems
03/16/10
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
   48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535 Datasheet
225Kb / 17P
   48-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
   48-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LPRS535 RENESAS-ICS9LPRS535 Datasheet
430Kb / 18P
   48-pin CK505 for Intel Systems
2019
logo
Integrated Device Techn...
ICS9LPRS545 IDT-ICS9LPRS545 Datasheet
221Kb / 17P
   48-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
   56-pin CK505 for Intel Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com