Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9UMS9610 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9UMS9610
Description  PC MAIN CLOCK
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9610 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9UMS9610 Datasheet HTML 7Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 8Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 9Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 10Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 11Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 12Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 13Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 14Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IDTTM/ICSTM PC MAIN CLOCK
1336—06/01/09
ICS9UMS9610
PC MAIN CLOCK
11
Byte
2
Output Enable Register
Bit(s)
Pin #
Name
Description
Type
0
1
Default
7
CPU0 Enable
This bit controls whether the CPU[0] output
buffer is enabled or not.
RW
0 = Disabled
1 = Enabled
1
6
CPU1 Enable
This bit controls whether the CPU[1] output
buffer is enabled or not.
RW
0 = Disabled
1 = Enabled
1
5
CPU2 Enable
This bit controls whether the CPU[2] output
buffer is enabled or not.
RW
0 = Disabled
1 = Enabled
1
4
SRC0 Enable
This bit controls whether the SRC[0] output
buffer is enabled or not.
RW
0 = Disabled
1 = Enabled
1
3
SRC1 Enable
This bit controls whether the SRC[1] output
buffer is enabled or not.
RW
0 = Disabled
1 = Enabled
1
2
SRC2 Enable
This bit controls whether the SRC[2] output
buffer is enabled or not.
RW
0 = Disabled
1 = Enabled
1
1
DOT Enable
This bit controls whether the DOT output
buffer is enabled or not.
RW
0 = Disabled
1 = Enabled
1
0
LCD100 Enable
This bit controls whether the LCD output buffer
is enabled or not.
RW
0 = Disabled
1 = Enabled
1
Byte
3
Output Control Register
Bit(s)
Pin #
Name
Description
Type
0
1
Default
7
Reserved
0
6
Reserved
0
5
REF Enable
This bit controls whether the REF output
buffer is enabled or not.
RW
0 = Disabled
1 = Enabled
1
4
3
2
CPU0 Stop
Enable
This bit controls whether the CPU[0] output
buffer is free-running or stoppable. If it is set
to stoppable the CPU[0] output buffer will be
disabled with the assertion of CPU_STP#.
RW
Free Running
Stoppable
0
1
CPU1 Stop
Enable
This bit controls whether the CPU[1] output
buffer is free-running or stoppable. If it is set
to stoppable the CPU[1] output buffer will be
disabled with the assertion of CPU_STP#.
RW
Free Running
Stoppable
0
0
CPU2 Stop
Enable
This bit controls whether the CPU[2] output
buffer is free-running or stoppable. If it is set
to stoppable the CPU[2] output buffer will be
disabled with the assertion of CPU_STP#.
RW
Free Running
Stoppable
0
10
00 = Slow Edge Rate
01 = Medium Edge Rate
10 = Fast Edge Rate
11 = Reserved
RW
These bits control the edge rate of the REF
clock.
REF Slew


Similar Part No. - ICS9UMS9610

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9610CKLFT IDT-ICS9UMS9610CKLFT Datasheet
141Kb / 20P
   PC MAIN CLOCK
More results

Similar Description - ICS9UMS9610

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS954148AFLF IDT-ICS954148AFLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS9UMS9610CKLFT IDT-ICS9UMS9610CKLFT Datasheet
141Kb / 20P
   PC MAIN CLOCK
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS952911BF IDT-ICS952911BF Datasheet
55Kb / 1P
   PC MAIN CLOCK
9UMS9001 IDT-9UMS9001 Datasheet
111Kb / 15P
   PC MAIN CLOCK - CK540
logo
Renesas Technology Corp
9UMS9001 RENESAS-9UMS9001 Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
logo
Integrated Device Techn...
9LP505-2HFLF IDT-9LP505-2HFLF Datasheet
115Kb / 1P
   PC MAIN CLOCK CK505 clock, 56-pin Intel Yellow Cover part
logo
Winbond
W83194BR-PT WINBOND-W83194BR-PT Datasheet
716Kb / 24P
   STEPLESS VIA PT MAIN CLOCK GENERATOR
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
   180 W PC Main SFX Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com