Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

932S421BGLF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 932S421BGLF
Description  PCIe Gen2 and QPI Clock for Intel-Based Servers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932S421BGLF Datasheet(HTML) 3 Page - Integrated Device Technology

  932S421BGLF Datasheet HTML 1Page - Integrated Device Technology 932S421BGLF Datasheet HTML 2Page - Integrated Device Technology 932S421BGLF Datasheet HTML 3Page - Integrated Device Technology 932S421BGLF Datasheet HTML 4Page - Integrated Device Technology 932S421BGLF Datasheet HTML 5Page - Integrated Device Technology 932S421BGLF Datasheet HTML 6Page - Integrated Device Technology 932S421BGLF Datasheet HTML 7Page - Integrated Device Technology 932S421BGLF Datasheet HTML 8Page - Integrated Device Technology 932S421BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
IDTTM
PCIe Gen2 and QPI Clock for Intel-Based Servers
1340G—01/26/10
ICS932S421B
PCIe Gen2 and QPI Clock for Intel-Based Servers
3
Pin Description (continued)
Pin #
PIN NAME
Type
Pin Description
29
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
30
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
31
Vtt_PwrGd#/PD
IN
Vtt_PwrGd# is an active low input used to determine when latched inputs are
ready to be sampled. PD is an asynchronous active high input pin used to put
the device into a low power state. The internal clocks, PLLs and the crystal
oscillator are stopped.
32
NC
N/A
No Connection.
33
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in
order to establish the appropriate current. 475 ohms is the standard value.
34
GNDA
PWR
Ground pin for the PLL core.
35
VDDA
PWR
3.3V power for the PLL core.
36
CPUCLKC3
OUT
Complementary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
37
CPUCLKT3
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
38
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
39
CPUCLKC2
OUT
Complementary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
40
CPUCLKT2
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
41
GNDCPU
PWR
Ground pin for the CPU outputs
42
CPUCLKC1
OUT
Complementary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
43
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
44
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
45
CPUCLKC0
OUT
Complementary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
46
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
47
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
48
FS_A
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values.
49
FS_B/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. TEST_MODE is a real time input
to select between Hi-Z and REF/N divider mode while in test mode. Refer to
Test Clarification Table.
50
GNDREF
PWR
Ground pin for the REF outputs.
51
X2
OUT
Crystal output, Nominally 14.318MHz
52
X1
IN
Crystal input, Nominally 14.318MHz.
53
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
54
REF1
OUT
14.318 MHz reference clock.
55
REF0
OUT
14.318 MHz reference clock.
56
FS_C/TEST_SEL
IN
3.3V tolerant input for CPU frequency selection. Low voltage threshold
inputs, see input electrical characteristics for Vil_FS and Vih_FS values.
TEST_Sel: 3-level latched input to enable test mode.
Refer to Test Clarification Table


Similar Part No. - 932S421BGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
932S421BGLF RENESAS-932S421BGLF Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
932S421BGLFT RENESAS-932S421BGLFT Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
More results

Similar Description - 932S421BGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
932SQ425 RENESAS-932SQ425 Datasheet
440Kb / 23P
   PCIE GEN2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV B 042312
ICS932S431A RENESAS-ICS932S431A Datasheet
443Kb / 23P
   PCIe Gen 2 and QPI Clock for Intel-based Servers
2019
logo
Integrated Device Techn...
ICS932SQ420DGLF IDT-ICS932SQ420DGLF Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
932SQ420DGLFT IDT-932SQ420DGLFT Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
logo
Renesas Technology Corp
932SQ420D RENESAS-932SQ420D Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ428 RENESAS-932SQ428 Datasheet
560Kb / 23P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV E 042312
logo
Integrated Circuit Syst...
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
   PCIe Gen 2 main Clock for Intel-based Servers
logo
Renesas Technology Corp
ICS932S422C RENESAS-ICS932S422C Datasheet
386Kb / 22P
   PCIe Gen 2 main Clock for Intel-based Servers
2019
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com