Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

950812YFLFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 950812YFLFT
Description  Frequency Generator with 200MHz Differential CPU Clocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

950812YFLFT Datasheet(HTML) 4 Page - Integrated Device Technology

  950812YFLFT Datasheet HTML 1Page - Integrated Device Technology 950812YFLFT Datasheet HTML 2Page - Integrated Device Technology 950812YFLFT Datasheet HTML 3Page - Integrated Device Technology 950812YFLFT Datasheet HTML 4Page - Integrated Device Technology 950812YFLFT Datasheet HTML 5Page - Integrated Device Technology 950812YFLFT Datasheet HTML 6Page - Integrated Device Technology 950812YFLFT Datasheet HTML 7Page - Integrated Device Technology 950812YFLFT Datasheet HTML 8Page - Integrated Device Technology 950812YFLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542J—01/25/10
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
4
Frequency Select Table 2
Frequency Select Table 1
66MHz_OU
T (2:0)
66MHz_IN
FS
2
FS
1
FS
0
3V66 (4:2)
3V66 _5
0
0
0
66.66
66.66
66.66
66.66
33.33
14.318
48.008
0
0
1
100.00
66.66
66.66
66.66
33.33
14.318
48.008
0
1
0
200.00
66.66
66.66
66.66
33.33
14.318
48.008
0
1
1
133.33
66.66
66.66
66.66
33.33
14.318
48.008
1
0
0
66.66
66.66
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
0
1
100.00
66.66
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
1
0
200.00
66.66
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
1
1
133.33
66.66
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
0
0
0
70.00
70.00
70.00
70.00
35.00
14.318
48.008
0
0
1
105.00
70.00
70.00
70.00
35.00
14.318
48.008
0
1
0
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
0
1
1
140.00
70.00
70.00
70.00
35.00
14.318
48.008
1
0
0
70.00
70.00
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
0
1
105.00
70.00
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
1
0
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
1
1
1
140.00
70.00
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
5% Overclocking
0
0
0
73.32
73.32
73.32
73.32
36.66
14.318
48.008
0
0
1
110.00
73.32
73.32
73.32
36.66
14.318
48.008
0
1
0
Test/2
Test/4
Test/4
Test/4
Test/8
Test
Test/2
Test
0
1
1
146.60
73.32
73.32
73.32
36.66
14.318
48.008
1
0
0
73.32
73.32
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
0
1
110.00
73.32
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
1
0
Test/2
Test/4
Test/4
Test/4
Test/8
Test
Test/2
Test
1
1
1
146.60
73.32
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
10% Overclocking
10% Overclocking
10% Overclocking
Standard Clocking
Standard Clocking
5% Overclocking
5% Overclocking
110
(See table 2)
111
(See table 2)
REF MHz
USB/DOT
MHz
Clocking Mode
Freq Sel
CPU MHz
3V66 MHz
FS(5:3)
PCI MHz
From
000
to
101
(See table 2)
FS
5
FS
4
FS
3
000
001
010
011
100
101
110
111
+/-0.35%, Center Spread
0 to -1.5%, Down Spread
+/-0.5%, Center Spread
+/-0.75%, Center Spread
+/-0.35%, Center Spread
10% Overclocking
Clocking Mode
No Spread (default)
or +/-0.4%
0 to -0.5%, Down Spread
0 to -1.0%, Down Spread
Standard Clocking
Standard Clocking
Standard Clocking
Standard Clocking
CPU, 3V66, 66MHz_OUT,
66MHz_IN, PCI
5% Overclocking
Freq Sel
Standard Clocking
Standard Clocking
Note: To enable spread, Byte 0 Bit 7 must be set to 1.


Similar Part No. - 950812YFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
950812YFLFT RENESAS-950812YFLFT Datasheet
1Mb / 31P
   Frequency Generator with 200MHz Differential CPU Clocks
03/23/16
More results

Similar Description - 950812YFLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
logo
Integrated Circuit Syst...
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
logo
Integrated Circuit Syst...
ICS950818 ICST-ICS950818 Datasheet
154Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com