Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V3380A Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT82V3380A
Description  SYNCHRONOUS ETHERNET IDT WAN PLL?
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3380A Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT82V3380A Datasheet HTML 3Page - Integrated Device Technology IDT82V3380A Datasheet HTML 4Page - Integrated Device Technology IDT82V3380A Datasheet HTML 5Page - Integrated Device Technology IDT82V3380A Datasheet HTML 6Page - Integrated Device Technology IDT82V3380A Datasheet HTML 7Page - Integrated Device Technology IDT82V3380A Datasheet HTML 8Page - Integrated Device Technology IDT82V3380A Datasheet HTML 9Page - Integrated Device Technology IDT82V3380A Datasheet HTML 10Page - Integrated Device Technology IDT82V3380A Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 177 page
background image
List of Tables
7
May 16, 2011
IDT82V3380A
SYNCHRONOUS ETHERNET WAN PLL™
Table 49: Absolute Maximum Rating ......................................................................................................................................................................... 154
Table 50: Recommended Operation Conditions ........................................................................................................................................................ 154
Table 51: AMI Input / Output Port Electrical Characteristics ...................................................................................................................................... 156
Table 52: CMOS Input Port Electrical Characteristics ............................................................................................................................................... 157
Table 53: CMOS Input Port with Internal Pull-Up Resistor Electrical Characteristics ................................................................................................ 157
Table 54: CMOS Input Port with Internal Pull-Down Resistor Electrical Characteristics ........................................................................................... 157
Table 55: CMOS Output Port Electrical Characteristics ............................................................................................................................................ 157
Table 56: PECL Input / Output Port Electrical Characteristics ................................................................................................................................... 159
Table 57: LVDS Input / Output Port Electrical Characteristics ................................................................................................................................... 160
Table 58: Output Clock Jitter Generation .................................................................................................................................................................. 162
Table 59: Output Clock Phase Noise ......................................................................................................................................................................... 163
Table 60: Input Jitter Tolerance (155.52 MHz) .......................................................................................................................................................... 163
Table 61: Input Jitter Tolerance (1.544 MHz) ............................................................................................................................................................ 163
Table 62: Input Jitter Tolerance (2.048 MHz) ............................................................................................................................................................ 163
Table 63: Input Jitter Tolerance (8 kHz) .................................................................................................................................................................... 163
Table 64: T0 DPLL Jitter Transfer & Damping Factor ............................................................................................................................................... 164
Table 65: T4 DPLL Jitter Transfer & Damping Factor ............................................................................................................................................... 164
Table 66: Input/Output Clock Timing 3 ...................................................................................................................................................................... 166
Table 67: Output Clock Timing .................................................................................................................................................................................. 168


Similar Part No. - IDT82V3380A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V3380A RENESAS-IDT82V3380A Datasheet
2Mb / 178P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
May 16, 2011
More results

Similar Description - IDT82V3380A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3390 IDT-IDT82V3390 Datasheet
1Mb / 182P
   SYNCHRONOUS ETHERNET IDT WAN PLL?
logo
Renesas Technology Corp
IDT82V3390 RENESAS-IDT82V3390 Datasheet
1Mb / 182P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
July 14, 2011
IDT82V3380A RENESAS-IDT82V3380A Datasheet
2Mb / 178P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
May 16, 2011
IDT82V3389 RENESAS-IDT82V3389 Datasheet
2Mb / 157P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
June 13, 2012
logo
Integrated Device Techn...
IDT82V3380 IDT-IDT82V3380 Datasheet
1Mb / 175P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385_10 Datasheet
871Kb / 145P
   SYNCHRONOUS ETHERNET WAN PLL
logo
Renesas Technology Corp
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
   SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
logo
Integrated Device Techn...
IDT82V3355 IDT-IDT82V3355 Datasheet
1Mb / 135P
   SYNCHRONOUS ETHERNET WAN PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com