Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9ZX21901B Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9ZX21901B
Description  19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZX21901B Datasheet(HTML) 5 Page - Integrated Device Technology

  9ZX21901B Datasheet HTML 1Page - Integrated Device Technology 9ZX21901B Datasheet HTML 2Page - Integrated Device Technology 9ZX21901B Datasheet HTML 3Page - Integrated Device Technology 9ZX21901B Datasheet HTML 4Page - Integrated Device Technology 9ZX21901B Datasheet HTML 5Page - Integrated Device Technology 9ZX21901B Datasheet HTML 6Page - Integrated Device Technology 9ZX21901B Datasheet HTML 7Page - Integrated Device Technology 9ZX21901B Datasheet HTML 8Page - Integrated Device Technology 9ZX21901B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IDT®
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
1586J - 12/08/11
9ZX21901B
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
5
Electrical Characteristics - Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
3.3V Core Supply Voltage
VDDA
4.6
V
1,2
3.3V Logic Supply Voltage
VDD
4.6
V
1,2
Input Low Voltage
VIL
GND-0.5
V
1
Input High Voltage
VIH
Except for SMBus interface
VDD+0.5V
V
1
Input High Voltage
VIHSMB
SMBus clock and data pins
5.5V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
Electrical Characteristics - Input/Supply/Common Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Ambient Operating
Temperature
TCOM
Commmercial range
0
70
°C
1
Input High Voltage
VIH
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
2VDD + 0.3
V
1
Input Low Voltage
VIL
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
GND - 0.3
0.8
V
1
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
uA
1
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
uA
1
Fibyp
VDD = 3.3 V, Bypass mode
33
400
MHz
2
Fipll
VDD = 3.3 V, 100MHz PLL mode
90
100.00
105
MHz
2
Fipll
VDD = 3.3 V, 133.33MHz PLL mode
120
133.33
140
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
1,4
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
1.8
ms
1,2
Input SS Modulation
Frequency
fMODIN
Allowable Frequency
(Triangular Modulation)
30
33
kHz
1
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
cycles
1,3
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
300
us
1,3
Tfall
tF
Fall time of control inputs
5
ns
1,2
Trise
tR
Rise time of control inputs
5
ns
1,2
SMBus Input Low Voltage
VILSMB
0.8
V
1
SMBus Input High Voltage
VIHSMB
2.1
VDDSMB
V1
SMBus Output Low Voltage
VOLSMB
@ IPULLUP
0.4
V
1
SMBus Sink Current
IPULLUP
@ VOL
4mA
1
Nominal Bus Voltage
VDDSMB
3V to 5V +/- 10%
2.7
5.5
V
1
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fMAXSMB
Maximum SMBus operating frequency
100
kHz
1,5
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
5The differential input clock must be running for the SMBus to be active
Input Current
3Time from deassertion until outputs are >200 mV
4 DIF_IN input
Capacitance
Input Frequency


Similar Part No. - 9ZX21901B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21901B IDT-9ZX21901B Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901BKLF IDT-9ZX21901BKLF Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901BKLFT IDT-9ZX21901BKLFT Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B_15 Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
More results

Similar Description - 9ZX21901B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21901C IDT-9ZX21901C_15 Datasheet
318Kb / 20P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21901C RENESAS-9ZX21901C Datasheet
513Kb / 21P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
11/19/15
logo
Integrated Device Techn...
9ZX21901C IDT-9ZX21901C Datasheet
180Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
ICS9ZX21901CKLFT IDT-ICS9ZX21901CKLFT Datasheet
180Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B_15 Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21501B IDT-9ZX21501B Datasheet
180Kb / 16P
   15-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21501B RENESAS-9ZX21501B Datasheet
418Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV E 041613
9ZX21501C RENESAS-9ZX21501C Datasheet
410Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV F 041613
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
   19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com