Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5ZB13 Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MM5ZB13
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MM5ZB13 Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MM5ZB13 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM5ZB13 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM5ZB13 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage Current
Vznom
V
lZT
for
VZT
ZZT (Max.)
at IZ
IR (Max.)
at VR
mA
V
mA
μA
V
MM5Z2B4
XY
2.4
5
2.352…2.448
100
5
120
1
MM5Z2B7
XZ
2.7
5
2.646…2.754
110
5
120
1
MM5Z3B0
FR
3.0
5
2.94…3.06
120
5
50
1
MM5Z3B3
FX
3.3
5
3.234…3.366
130
5
20
1
MM5Z3B6
FY
3.6
5
3.528…3.672
130
5
10
1
MM5Z3B9
FZ
3.9
5
3.822…3.978
130
5
5
1
MM5Z4B3
HA
4.3
5
4.214…4.386
130
5
5
1
MM5Z4B7
HB
4.7
5
4.606…4.794
130
5
2
1
MM5Z5B1
HC
5.1
5
4.998…5.202
130
5
2
1.5
MM5Z5B6
HD
5.6
5
5.488…5.712
80
5
1
2.5
MM5Z6B2
HE
6.2
5
6.076…6.324
50
5
1
3
MM5Z6B8
HF
6.8
5
6.664…6.936
30
5
0.5
3.5
MM5Z7B5
HH
7.5
5
7.35…7.65
30
5
0.5
4
MM5Z8B2
HJ
8.2
5
8.036…8.364
30
5
0.5
5
MM5Z9B1
HK
9.1
5
8.918…9.282
30
5
0.5
6
MM5ZB10
HM
10
5
9.8…10.2
30
5
0.1
7
MM5ZB11
HN
11
5
10.78…11.22
30
5
0.1
8
MM5ZB12
HP
12
5
11.76…12.24
35
5
0.1
9
MM5ZB13
HR
13
5
12.74…13.26
35
5
0.1
10
MM5ZB15
HX
15
5
14.7…15.3
40
5
0.1
11
MM5ZB16
HY
16
5
15.68…16.32
40
5
0.1
12
MM5ZB18
HZ
18
5
17.64…18.36
45
5
0.1
13
MM5ZB20
JA
20
5
19.6…20.4
50
5
0.1
15
MM5ZB22
JB
22
5
21.56…22.44
55
5
0.1
17
MM5ZB24
JC
24
5
23.52…24.48
60
5
0.1
19
MM5ZB27
JD
27
5
26.46…27.54
70
2
0.1
21
MM5ZB30
JE
30
5
29.4…30.6
80
2
0.1
23
MM5ZB33
JF
33
5
32.34…33.66
80
2
0.1
25
MM5ZB36
JH
36
5
35.28…36.72
90
2
0.1
27
MM5ZB39
JJ
39
2.5
38.22…39.78
100
2
2
30
MM5ZB43
JK
43
2.5
42.14…43.86
130
2
2
33
MM5ZB47
JM
47
2.5
46.06…47.94
150
2
2
36
MM5ZB51
YA
51
2.5
49.98…52.02
180
2
1
39
MM5ZB56
YB
56
2.5
54.88…57.12
180
2
1
43
MM5ZB62
YC
62
2.5
60.76…63.24
200
2
0.2
47
MM5ZB68
YD
68
2.5
66.64…69.36
250
2
0.2
52
MM5ZB75
YE
75
2.5
73.5…76.5
300
2
0.2
57
1) Tested with pulses tp = 20 ms.
Ambient Temperature: Ta ( C)
O
0
25
100
150
0
100
200
300
Derating Curve
MM5Z2B4~MM5ZB75
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - MM5ZB13

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MM5ZB13H ZOWIE-MM5ZB13H Datasheet
161Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5ZB13

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com