Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA64 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MMBTA64
Description  TRANSISTOR(PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MMBTA64 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MMBTA64 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRANSISTOR(PNP)
FEATURES
 For Applications Requiring High Current Gain
MARKING:2V
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-10
V
IC
Collector Current
-800
mA
PC
Collector Power Dissipation
300
mW
RΘJA
Thermal Resistance From Junction To Ambient
416
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100µA, IE=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA, IC=0
-10
V
Collector cut-off current
ICBO
VCB=-30V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-10V, IC=0
-0.1
µA
hFE(1) *
VCE=-5V, IC=-10mA
10
K
DC current gain
hFE(2) *
VCE=-5V, IC=-100mA
20
K
Collector-emitter saturation voltage
VCE(sat) *
IC=-100mA, IB=-0.1mA
-1.5
V
Base-emitter voltage
VBE*
VCE=-5V, IC=-100mA
-2
V
Transition frequency
fT
VCE=-5V,IC=-10mA,
f=100MHz
125
MHz
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
SOT–23
1. BASE
2. EMITTER
3. COLLECTOR
MMBTA64
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - MMBTA64

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA64 TRSYS-MMBTA64 Datasheet
132Kb / 1P
   PNP SURFACE MOUNT DARLINGTON TRANSISTOR
logo
KEC(Korea Electronics)
MMBTA64 KEC-MMBTA64 Datasheet
41Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
   PNP (DARLINGTON TRANSISTOR)
logo
Micro Commercial Compon...
MMBTA64 MCC-MMBTA64 Datasheet
195Kb / 3P
   PNP Darlington Transistor
logo
Fairchild Semiconductor
MMBTA64 FAIRCHILD-MMBTA64 Datasheet
46Kb / 3P
   PNP Darlington Transistor
More results

Similar Description - MMBTA64

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com