Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5234BW Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MMBZ5234BW
Description  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MMBZ5234BW Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MMBZ5234BW Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MMBZ5234BW Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBZ5221BW~MMBZ5259BW
SILICON PLANAR ZENER DIODES
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
PD
200
mW
Operating Junction and Storage Temperature Range
Tj ,TS
- 65 to + 150
O
C
Characteristics ( Ta = 25
O
C unless otherwise noted, VF < 0.9 V at IF = 10 mA)
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
VZnom
lZT for
VZT
ZZT
ZZK
at IZK
IR
at VR
Type
Marking
Code
V
mA
V
Max. (Ω)Max. (Ω)
mA
Max. (µA)
V
MMBZ5221BW
HA
2.4
20
2.28…2.52
30
1200
0.25
100
1
MMBZ5223BW
HB
2.7
20
2.57…2.84
30
1300
0.25
75
1
MMBZ5225BW
HC
3
20
2.85…3.15
30
1600
0.25
50
1
MMBZ5226BW
HD
3.3
20
3.14…3.47
28
1600
0.25
25
1
MMBZ5227BW
HE
3.6
20
3.42…3.78
24
1700
0.25
15
1
MMBZ5228BW
HF
3.9
20
3.71…4.1
23
1900
0.25
10
1
MMBZ5229BW
HH
4.3
20
4.09…4.52
22
2000
0.25
5
1
MMBZ5230BW
HJ
4.7
20
4.47…4.94
19
1900
0.25
5
2
MMBZ5231BW
HK
5.1
20
4.85…5.36
17
1600
0.25
5
2
MMBZ5232BW
HM
5.6
20
5.32…5.88
11
1600
0.25
5
3
MMBZ5234BW
HN
6.2
20
5.89…6.51
7
1000
0.25
5
4
MMBZ5235BW
HP
6.8
20
6.46…7.14
5
750
0.25
3
5
MMBZ5236BW
HR
7.5
20
7.13…7.88
6
500
0.25
3
6
MMBZ5237BW
HX
8.2
20
7.79…8.61
8
500
0.25
3
6.5
MMBZ5239BW
HY
9.1
20
8.65…9.56
10
600
0.25
3
7
MMBZ5240BW
HZ
10
20
9.5…10.5
17
600
0.25
3
8
MMBZ5241BW
JA
11
20
10.45…11.55
22
600
0.25
2
8.4
MMBZ5242BW
JB
12
20
11.4…12.6
30
600
0.25
1
9.1
MMBZ5243BW
JC
13
9.5
12.35…13.65
13
600
0.25
0.5
9.9
MMBZ5245BW
JD
15
8.5
14.25…15.75
16
600
0.25
0.1
11
MMBZ5246BW
JE
16
7.8
15.2…16.8
17
600
0.25
0.1
12
MMBZ5248BW
JF
18
7
17.1…18.9
21
600
0.25
0.1
14
MMBZ5250BW
JH
20
6.2
19…21
25
600
0.25
0.1
15
MMBZ5251BW
JJ
22
5.6
20.9…23.1
29
600
0.25
0.1
17
MMBZ5252BW
JK
24
5.2
22.8…25.2
33
600
0.25
0.1
18
MMBZ5254BW
JM
27
5
25.65…28.35
41
600
0.25
0.1
21
MMBZ5256BW
JN
30
4.2
28.5…31.5
49
600
0.25
0.1
23
MMBZ5257BW
JP
33
3.8
31.35…34.65
58
700
0.25
0.1
25
MMBZ5258BW
JR
36
3.4
34.2…37.8
70
700
0.25
0.1
27
MMBZ5259BW
JX
39
3.2
37.05…40.95
80
800
0.25
0.1
30
1) Tested with pulses tp = 20 ms.
1. Anode 3. Cathode
1
3
2
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - MMBZ5234BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5234BW PANJIT-MMBZ5234BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5234BW SKTECHNOLGY-MMBZ5234BW Datasheet
853Kb / 3P
   Planar Die Construction
logo
Diodes Incorporated
MMBZ5234BW DIODES-MMBZ5234BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Weitron Technology
MMBZ5234BW WEITRON-MMBZ5234BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5234BW DIODES-MMBZ5234BW Datasheet
458Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 10 - 2
More results

Similar Description - MMBZ5234BW

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com