Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4006 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 1N4006
Description  VOLTAGE 50 ~ 1000 V 1.0 A, Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N4006 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  1N4006 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N4006 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
1N4001 ~ 1N4007
VOLTAGE 50 ~ 1000 V
1.0 A, Silicon Rectifiers
01-June-2002 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES (1N4001 THRU 1N4007)
0.1
1.0
10.0
100.0
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
0.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
0.2
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
0.1
1.0
0.01
10.0
50.0
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
5.0
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
0.01
0.05 0.1
0.5 1
5
10
50 100
6.0
0
12.0
18.0
24.0
30.0
NUMBER OF CYCLES AT 60Hz
5
1
10
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
AMBIENT TEMPERATURE,( C)
FIG.1-TYPICAL FORWARD


Similar Part No. - 1N4006

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4006 FCI-1N4006 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Bytesonic Electronics C...
1N4006 BYTESONIC-1N4006 Datasheet
264Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Shunye Enterprise
1N4006 SHUNYE-1N4006 Datasheet
312Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Pan Jit International I...
1N4006 PANJIT-1N4006 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4006 DIODES-1N4006 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
More results

Similar Description - 1N4006

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF101AM SECOS-SMF101AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF101FL SECOS-SEF101FL Datasheet
390Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
1N4001W YIXIN-1N4001W Datasheet
356Kb / 2P
   1.0 AMP SILICON RECTIFIERS VOLTAGE RANGE 50 to 1000 volts
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
   1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
logo
SeCoS Halbleitertechnol...
P10A05 SECOS-P10A05 Datasheet
130Kb / 2P
   VOLTAGE 50 ~ 1000 V 10 A, General Purpose Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
   Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
SM4001AM SECOS-SM4001AM Datasheet
160Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com