Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFY180 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFY180
Description  HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFY180 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFY180 Datasheet HTML 1Page - Siemens Semiconductor Group BFY180 Datasheet HTML 2Page - Siemens Semiconductor Group BFY180 Datasheet HTML 3Page - Siemens Semiconductor Group BFY180 Datasheet HTML 4Page - Siemens Semiconductor Group BFY180 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Micro-X1
Semiconductor Group
1
Draft A04 1998-04-01
HiRel NPN Silicon RF Transistor
BFY 180
Features
¥ HiRel Discrete and Microwave Semiconductor
¥ For low power amplifiers at collector currents from
0.2 to 2.5 mA
¥ Hermetically sealed microwave package
¥
f
T = 6.5 GHz, F = 2.6 dB at 2 GHz
¥
qualified
¥ ESA/SCC Detail Spec. No.: 5611/006
ESD: Electrostatic discharge sensitive device, observe handling precautions!
(ql) Quality Level: P: Professional Quality,
Ordering Code: Q97301013
H: High Rel Quality,
Ordering Code: on request
S: Space Quality,
Ordering Code: on request
ES: ESA Space Quality, Ordering Code: Q97111419
(see Chapter Order Instructions for ordering example)
1)
The maximum permissible base current for
V
FBE measurements is 3 mA (spot-measurement duration < 1 s).
2) T
S is measured on the collector lead at the soldering point to the pcb.
Type
Marking
Ordering Code
Pin Configuration
Package
BFY 180 (ql)
-
see below
C
E
B
E
Micro-X1
Table 1
Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Collector-emitter voltage
V
CEO
8V
Collector-emitter voltage,
V
BE = 0
V
CES
15
V
Collector-base voltage
V
CBO
15
V
Emitter-base voltage
V
EBO
2V
Collector current
I
C
4mA
Base current
I
B
0.5
1)
mA
Total power dissipation,
T
S £ 176 °C
2)
P
tot
30
mW
Junction temperature
T
j
200
°C
Operating temperature range
T
op
- 65 É + 200
°C
Storage temperature range
T
stg
- 65 É + 200
°C
Thermal Resistance
Junction soldering point
2)
R
th JS
< 805
K/W


Similar Part No. - BFY180

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFY180 INFINEON-BFY180 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY180ES INFINEON-BFY180ES Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY180H INFINEON-BFY180H Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY180P INFINEON-BFY180P Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY180S INFINEON-BFY180S Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
More results

Similar Description - BFY180

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY196 SIEMENS-BFY196 Datasheet
120Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)
BFY193 SIEMENS-BFY193 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain broadband amplifiers up to 2 GHz.)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com