Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV70 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV70
Description  0.2A , 70 V Surface Mount Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV70 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV70 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV70 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BAV70 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BAV70
0.2A , 70 V
Surface Mount Switching Diode
29-Feb-2012 Rev.B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast switching speed Max:4ns.
High conductance.
Connected in series.
Surface mount package ideally suited for
automatic insertion.
APPLICATIONS
High-speed switching in thick and thin-film circuits.
MARKING
A4
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
70
V
Forward current
IF
200
mA
Peak forward surge current
IFM(Surge)
500
mA
TA=25°C
225
mW
Total Device Dissipation FR– 5
Board
1
De-rate above 25°C
PD
1.8
mW / °C
Thermal Resistance Junction to Ambient
RθJA
556
°C / W
TA=25°C
300
mW
Total Device Dissipation
Alumina Substrate
2
De-rate above 25°C
PD
2.4
mW / °C
Thermal Resistance Junction to Ambient
RθJA
417
°C / W
Junction, Storage Temperature
TJ, TSTG
-55~150
°C
Note:
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shanghai Shunye Electro...
BAV70 SHUNYE-BAV70 Datasheet
174Kb / 3P
   Dual surface mount switching diode
logo
TAITRON Components Inco...
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
   Three Terminals SMD Switching Diode
logo
Micro Commercial Compon...
BAV70 MCC-BAV70 Datasheet
88Kb / 2P
   350mW 75 Volt Dual Switching Diode
logo
Foshan Blue Rocket Elec...
BAV70 FOSHAN-BAV70 Datasheet
809Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAT54C2 CYSTEKEC-BAT54C2 Datasheet
327Kb / 6P
   0.2A surface mount Schottky diode
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS Datasheet
103Kb / 3P
   0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
   0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Silicon Standard Corp.
BAS86 SSC-BAS86 Datasheet
322Kb / 2P
   0.2A Surface-mount Small-signal Schottky Diode
logo
SeCoS Halbleitertechnol...
BAT54X SECOS-BAT54X_12 Datasheet
231Kb / 2P
   0.2A , 30V Surface Mount Schottky Barrier Diode
BAT54DW SECOS-BAT54DW Datasheet
184Kb / 2P
   0.2A, 30V Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GBAS40 GTM-GBAS40 Datasheet
216Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V,CURRENT 0.2A
G401SD GTM-G401SD Datasheet
198Kb / 2P
   SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
logo
SeCoS Halbleitertechnol...
SCS21DSTL SECOS-SCS21DSTL Datasheet
201Kb / 2P
   0.2A , 200V Plastic-Encapsulated Switching Diode
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_15 Datasheet
238Kb / 5P
   0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com