Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC123YE Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DTC123YE
Description  NPN Digital Transistors (Built-in Resistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTC123YE Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DTC123YE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTC123YE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
DTC123YE / DTC123YUA / DTC123YCA
NPN Digital Transistors (Built-in Resistors)
19-Dec-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see equivalent circuit).
The bias resistors consist of thin-film resistors
with complete isolation to allow positive biasing
of the input. They also have the advantage of
almost completely eliminating parasitic effects.
Only the on/off conditions need to be set for
operation, making device design easy.
EQUIVALENT CIRCUIT
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Limits (DTC123Y□)
Parameter
Symbol
E
UA
CA
Unit
Supply Voltage
VCC
50
V
Input Voltage
VIN
-5~12
V
IO
100
Output Current
IC(MAX)
100
mA
Power dissipation
PD
150
200
mW
Junction & Storage temperature
TJ, TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VI(off)
-
-
0.3
VCC=5V, IO=100μA
Input Voltage
VI(on)
3
-
-
V
VO=0.3V, IO=20mA
Output Voltage
VO(on)
-
0.1
0.3
V
IO/II=10mA / 0.5mA
Input Current
II
-
-
3.8
mA
VI= 5V
Output Current
IO(off)
-
-
0.5
μA
VCC=50V, VI=0
DC Current Gain
GI
33
-
-
VO=5V, IO=10mA
Input Resistance
R1
1.54
2.2
2.86
KΩ
Resistance ratio
R2 / R1
3.6
4.5
5.5
Transition frequency
fT
-
250
-
MHz
VO=10V, IO=5mA,
f= 100MHz
DTC123YE (SOT-523)
Addreviated symbol:62
DTC123YUA (SOT-323)
Addreviated symbol:62
DTC123YCA (SOT-23)
Addreviated symbol:62


Similar Part No. - DTC123YE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123YE ROHM-DTC123YE Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC123YE JIANGSU-DTC123YE Datasheet
129Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC123YE SECOS-DTC123YE Datasheet
218Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC123YE ROHM-DTC123YE Datasheet
145Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Taiwan Semiconductor Co...
DTC123YE TSC-DTC123YE Datasheet
764Kb / 5P
   NPN Small Signal Transistor
More results

Similar Description - DTC123YE

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTC143ZN3 CYSTEKEC-DTC143ZN3_10 Datasheet
256Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
   NPN Digital Transistors(Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com