Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ1506 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # GBJ1506
Description  Voltage 50V ~ 1000V 15.0 Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBJ1506 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GBJ1506 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBJ1506 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ15005 ~ GBJ1510
Voltage 50V ~ 1000V
15.0 Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
19-Oct-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has Underwriters Laboratory
flammability classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
GBJ
15005
GBJ
1501
GBJ
1502
GBJ
1504
GBJ
1506
GBJ
1508
GBJ
1510
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heat sink)
2
I(AV)
15
A
Rectified Current @TC=100°C (without heat sink)
3.2
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
240
A
Maximum Forward Voltage @ 7.5A DC
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=25°C
IR
10
µA
TJ=125°C
500
I
2t Rating for Fusing (t<8.3ms)
I
2t
240
A
2s
Typical Junction Capacitance Per Element
1
CJ
60
pF
Typical Thermal Resistance
RθJC
0.8
°C/W
Operating and Storage temperature range
TJ,TSTG
-55~150
°C
Notes:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.
Device mounted on 300mm*300mm*1.6mm Cu plate heat sink.
GBJ
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
29.7
30.3
J
0.6
0.8
B
19.7
20.3
K
7.3
7.7
C
4.4
4.8
L
2.0
2.4
D
17.0
18.0
M
9.8
10.2
E
3.0 x 45°
N
2.3
2.7
F
3.1
3.4
P
3.6
4.2
G
-
5.1
Q
10.8
11.2
H
2.5
2.9
R
3.1
3.4
I
0.9
1.1
S
3.4
3.8


Similar Part No. - GBJ1506

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBJ1506 NELLSEMI-GBJ1506 Datasheet
598Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
logo
Diodes Incorporated
GBJ1506 DIODES-GBJ1506 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Diotech Company.
GBJ1506 DIOTECH-GBJ1506 Datasheet
853Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
GBJ1506 DYELEC-GBJ1506 Datasheet
3Mb / 2P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Bytesonic Electronics C...
GBJ1506 BYTESONIC-GBJ1506 Datasheet
412Kb / 2P
   SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBJ1506

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ8005 SECOS-GBJ8005_11 Datasheet
957Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
4GBJ8005 SECOS-4GBJ8005 Datasheet
971Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
GBJ20005 SECOS-GBJ20005 Datasheet
948Kb / 2P
   Voltage 50V ~ 1000V 20.0 Amp Glass Passivited Bridge Rectifiers
GBJ25005 SECOS-GBJ25005_11 Datasheet
970Kb / 2P
   Voltage 50V ~ 1000V 25.0 Amp Glass Passivited Bridge Rectifiers
4GBJ6005 SECOS-4GBJ6005 Datasheet
931Kb / 2P
   Voltage 50V ~ 1000V 6.0 Amp Glass Passivited Bridge Rectifiers
GBJ10005 SECOS-GBJ10005_11 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 10.0 Amp Glass Passivited Bridge Rectifiers
4GBJ4005 SECOS-4GBJ4005 Datasheet
987Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
GBJ50005 SECOS-GBJ50005 Datasheet
853Kb / 2P
   Voltage 50V ~ 1000V 50.0 Amp Glass Passivited Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com