Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ5008 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # GBJ5008
Description  Voltage 50V ~ 1000V 50.0 Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBJ5008 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GBJ5008 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBJ5008 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ50005 ~ GBJ5010
Voltage 50V ~ 1000V
50.0 Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
19-Oct-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has Underwriters Laboratory
flammability classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
GBJ
50005
GBJ
5001
GBJ
5002
GBJ
5004
GBJ
5006
GBJ
5008
GBJ
5010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heat sink
2)
I(AV)
50
A
Rectified Current @TC=100°C (without heat sink)
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
400
A
Maximum Forward Voltage @ 25A DC
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=25°C
IR
10.0
µA
TJ=125°C
500
I
2t Rating for Fusing (t<8.3ms)
I
2t
660
A
2s
Typical Thermal Resistance
1
RθJC
1.5
°C/W
Operating and Storage temperature range
TJ,TSTG
-55~150
°C
Notes:
1.
Thermal resistance from junction to case with units mounted on heat sink.
2.
Device mounted on 300mm*300mm*1.6mm Cu plate heat sink.
GBJ
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
29.7
30.3
J
0.6
0.8
B
19.7
20.3
K
7.3
7.7
C
4.4
4.8
L
2.0
2.4
D
17.0
18.0
M
9.8
10.2
E
3.0 x 45°
N
2.3
2.7
F
3.1
3.4
P
3.6
4.2
G
-
5.1
Q
10.8
11.2
H
2.5
2.9
R
3.1
3.4
I
0.9
1.1
S
3.4
3.8


Similar Part No. - GBJ5008

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GBJ5008 THINKISEMI-GBJ5008 Datasheet
443Kb / 2P
   50.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
logo
RFE international
GBJ5008 RFE-GBJ5008 Datasheet
2Mb / 3P
   Bridge Rectifiers
1-11-2023
logo
DIYI Electronic Technol...
GBJ5008 DYELEC-GBJ5008 Datasheet
4Mb / 2P
   SINGLE PHASE 50.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBJ5008 YFWDIODE-GBJ5008 Datasheet
629Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
GBJ5008 YANGJIE-GBJ5008 Datasheet
457Kb / 4P
   Bridge Rectifiers
More results

Similar Description - GBJ5008

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ8005 SECOS-GBJ8005_11 Datasheet
957Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
4GBJ8005 SECOS-4GBJ8005 Datasheet
971Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
GBJ15005 SECOS-GBJ15005 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 15.0 Amp Glass Passivited Bridge Rectifiers
GBJ20005 SECOS-GBJ20005 Datasheet
948Kb / 2P
   Voltage 50V ~ 1000V 20.0 Amp Glass Passivited Bridge Rectifiers
GBJ25005 SECOS-GBJ25005_11 Datasheet
970Kb / 2P
   Voltage 50V ~ 1000V 25.0 Amp Glass Passivited Bridge Rectifiers
4GBJ6005 SECOS-4GBJ6005 Datasheet
931Kb / 2P
   Voltage 50V ~ 1000V 6.0 Amp Glass Passivited Bridge Rectifiers
GBJ10005 SECOS-GBJ10005_11 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 10.0 Amp Glass Passivited Bridge Rectifiers
4GBJ4005 SECOS-4GBJ4005 Datasheet
987Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
GBU10005 SECOS-GBU10005 Datasheet
704Kb / 2P
   Voltage 50V ~ 1000V 10.0Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com