Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU810G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KBU810G
Description  Voltage 50V ~ 1000V 8.0Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBU810G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KBU810G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBU810G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBU8005G ~ KBU810G
Voltage 50V ~ 1000V
8.0Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
26-Oct-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Surge overload rating -175 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
The plastic material has Underwriters Laboratory
Mounting postition:Any
Mounting torgue:5 In.Ib.Max
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
KBU
8005G
KBU
801G
KBU
802G
KBU
804G
KBU
806G
KBU
808G
KBU
810G
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
I(AV)
8
A
Rectified Current @TC=100°C
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
175
A
Maximum Forward Voltage @ 4A
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=25℃
IR
10
µ
A
TJ=100℃
100
Typical Junction Capacitance Per Element
1
CJ
250
pF
Operating and Storage temperature range
TJ,TSTG
-55~150
°C
Notes:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
KBU
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
22.7
23.7
G
7.5 REF
B
18.8
19.8
H
25.4
-
C
6.5
7.0
I
1.2 Ø TYP.
D
16.8
17.8
J
4.6
5.6
E
4.0 x 45°
K
1.8
2.2
F
3.8 Ø x5.7L


Similar Part No. - KBU810G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU810G WTE-KBU810G Datasheet
43Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU810G JGD-KBU810G Datasheet
138Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBU810G WTE-KBU810G Datasheet
52Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
KBU810G HY-KBU810G Datasheet
416Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Comchip Technology
KBU810G-G COMCHIP-KBU810G-G Datasheet
63Kb / 2P
   Glass Passivated Bridge Rectifier
More results

Similar Description - KBU810G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBU8005 SECOS-GBU8005_11 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 8.0Amp Glass Passivited Bridge Rectifiers
D8UB05 SECOS-D8UB05 Datasheet
189Kb / 2P
   Voltage 50V ~ 1000V 8.0Amp Glass Passivated Bridge Rectifiers
GBU10005 SECOS-GBU10005 Datasheet
704Kb / 2P
   Voltage 50V ~ 1000V 10.0Amp Glass Passivited Bridge Rectifiers
GBU6005 SECOS-GBU6005_11 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
GBU15005 SECOS-GBU15005_11 Datasheet
704Kb / 2P
   Voltage 50V ~ 1000V 15.0Amp Glass Passivited Bridge Rectifiers
KBP3005G SECOS-KBP3005G Datasheet
730Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivited Bridge Rectifiers
D4KB05 SECOS-D4KB05 Datasheet
942Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivited Bridge Rectifiers
S8GBU20 SECOS-S8GBU20_15 Datasheet
225Kb / 2P
   8.0Amp Glass Passivited Bridge Rectifiers
S8GBU20-C SECOS-S8GBU20-C Datasheet
225Kb / 2P
   8.0Amp Glass Passivited Bridge Rectifiers
GBJ8005 SECOS-GBJ8005_11 Datasheet
957Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com