Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-G0043 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-G0043
Description  Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-G0043 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-G0043 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-G0043 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-G0043 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-G0043 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BGA 318
Semiconductor Group
Sep-04-1998
3
S-Parameters at
TA = 25 °C
f
S11
S22
S12
S21
ANG
ANG
MAG
MAG
MAG
ANG
GHz
MAG
ANG
VD = 4.7 V, Zo = 50 Ω
0.01
0.1
0.3
0.5
0.8
1
1.9
2.4
3
0.196
0.193
0.194
0.191
0.184
0.175
0.185
0.241
0.298
0.2
-4.8
-14.4
-25.9
-45
-60.3
-130.6
-170.6
159.6
8.01
8
7.75
7.28
6.43
5.83
3.91
2.99
2.38
178.9
171.6
155.4
139.9
119.1
106.8
67.6
45.5
27.6
0.077
0.078
0.082
0.089
0.105
0.117
0.164
0.193
0.218
0.6
4.9
13.8
21.1
27.9
30.2
30.2
26.8
22.8
0.327
0.324
0.312
0.294
0.26
0.238
0.184
0.173
0.178
-0.5
-8.6
-25
-41.2
-62.9
-76.2
-113
-124.4
-131.2
Insertion power gain |
S21|2 = f ( f )
VD = 4.7V, ID = 35 mA
10
-1
10
0
10
1
GHz
f
0
5
10
15
dB
25
Noise figure
NF = f ( f )
VD = 4.7V, ID = 35 mA
10
-1
10
0
10
1
GHz
f
0
2
4
6
dB
10
Semiconductor Group
3
1998-11-01


Similar Part No. - Q62702-G0043

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-G0041 SIEMENS-Q62702-G0041 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
Q62702-G0042 SIEMENS-Q62702-G0042 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
More results

Similar Description - Q62702-G0043

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA312 SIEMENS-BGA312 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
   19 dB Typical Small Signal Gain at 4 GHz
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
   Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
TriQuint Semiconductor
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0836 AVAGO-MSA-0836 Datasheet
376Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier Usable Gain to 6.0 GHz
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
   High Isolation, 35 dB Typical at 1 GHz
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com