Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT5Z3V6 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MT5Z3V6
Description  200mW , SOD-523 Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MT5Z3V6 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MT5Z3V6 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MT5Z3V6 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MT5Z3V6 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MT5Z3V6 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MT5Zxxx Series
200mW , SOD-523
Surface Mount Zener Diodes
Elektronische Bauelemente
6-Jan-2012 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified, V F=1V Maximum@ IF=10mA)
Type Number
Marking
Zener Voltage Range
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@VR
Min(V)
Nom(V)
Max(V)
mA
mA
µA
V
MT5Z2V4
50
2.2
2.4
2.6
5
100
1000
1
50
1
MT5Z2V7
51
2.5
2.7
2.9
5
100
1000
1
20
1
MT5Z3V0
52
2.8
3.0
3.2
5
100
1000
1
10
1
MT5Z3V3
53
3.1
3.3
3.5
5
95
1000
1
5
1
MT5Z3V6
54
3.4
3.6
3.8
5
90
1000
1
5
1
MT5Z3V9
55
3.7
3.9
4.1
5
90
1000
1
3
1
MT5Z4V3
56
4.0
4.3
4.6
5
90
1000
1
3
1
MT5Z4V7
57
4.4
4.7
5.0
5
80
800
1
3
2
MT5Z5V1
58
4.8
5.1
5.4
5
60
500
1
2
2
MT5Z5V6
59
5.2
5.6
6.0
5
40
200
1
1
2
MT5Z6V2
5A
5.8
6.2
6.6
5
10
100
1
3
4
MT5Z6V8
5B
6.4
6.8
7.2
5
15
160
1
2
4
MT5Z7V5
5C
7.0
7.5
7.9
5
15
160
1
1
5
MT5Z8V2
5D
7.7
8.2
8.7
5
15
160
1
0.7
5
MT5Z9V1
5E
8.5
9.1
9.6
5
15
160
1
0.2
7
MT5Z10V
5F
9.4
10
10.6
5
20
160
1
0.1
8
MT5Z11V
5G
10.4
11
11.6
5
20
160
1
0.1
8
MT5Z12V
5H
11.4
12
12.7
5
25
80
1
0.1
8
MT5Z13V
5J
12.4
13
14.1
5
30
80
1
0.1
8
MT5Z15V
5K
14.3
15
15.8
5
30
80
1
0.05
10.5
MT5Z16V
5L
15.3
16
17.1
5
40
80
1
0.05
11.2
MT5Z18V
5M
16.8
18
19.1
5
45
80
1
0.05
12.6
MT5Z20V
5N
18.8
20
21.2
5
55
100
1
0.05
14
MT5Z22V
5P
20.8
22
23.3
5
55
100
1
0.05
15.4
MT5Z24V
5R
22.8
24
25.6
5
70
120
1
0.05
16.8
MT5Z27V
5S
25.1
27
28.9
2
80
300
0.5
0.05
18.9
MT5Z30V
5T
28
30
32
2
80
300
0.5
0.05
21
MT5Z33V
5U
31
33
35
2
80
300
0.5
0.05
23.2
MT5Z36V
5V
34
36
38
2
90
500
0.5
0.05
25.2
MT5Z39V
5X
37
39
41
2
130
500
0.5
0.05
27.3


Similar Part No. - MT5Z3V6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT5 ETC1-MT5 Datasheet
280Kb / 2P
   5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
MT5-2405SI ETC1-MT5-2405SI Datasheet
280Kb / 2P
   5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
logo
Volgen Kaga Electronics...
MT5-2405SI VOLGEN-MT5-2405SI Datasheet
284Kb / 2P
   5 WATT DC/DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
logo
List of Unclassifed Man...
MT5-2412SI ETC1-MT5-2412SI Datasheet
280Kb / 2P
   5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
logo
Volgen Kaga Electronics...
MT5-2412SI VOLGEN-MT5-2412SI Datasheet
284Kb / 2P
   5 WATT DC/DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MT5Z3V6

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5ZXXVB YEASHIN-MM5ZXXVB Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Tak Cheong Electronics ...
BZX584B2V4 TAK_CHEONG-BZX584B2V4 Datasheet
279Kb / 5P
   200mW SOD-523 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5ZXXV YEASHIN-MM5ZXXV Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WTV RECTRON-1N4148WTV Datasheet
268Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB751S-40 DGNJDZ-RB751S-40 Datasheet
107Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
MM3ZXXXCW SECOS-MM3ZXXXCW Datasheet
595Kb / 4P
   200mW, SOD-323L Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com