Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH103 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # RH103
Description  Voltage 100V ~ 800V 0.8 Amp Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RH103 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  RH103 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RH103 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
RH101 ~ RH105
Voltage 100V ~ 800V
0.8 Amp Silicon Bridge Rectifiers
01-Feb -2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideal for printed circuit board
Lead tin plated copper
Reliable low cost construction utilizing, molded plastic
technique results in inexpensive product
MECHANICAL DATA
Polarity: Symbol molded on body
Weight: 0.0044 ounces,0.125 grams
Mounting position :Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
MBS
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
RH101
RH102
RH103
RH104
RH105
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
800
V
Maximum RMS Bridge Input Voltage
VRMS
70
140
280
420
560
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
V
Maximum Average Forward Rectified Current
@TA=40°C
1
I(AV)
0.8
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
40
A
Maximum Forward Voltage @ 0.8A
VF
1.15
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
500
μA
I
2t Rating for Fusing (t<8.3ms)
I2t
3.7
A
2s
Maximum Reverse Recovery Time
TRR
150
250
500
nS
Typical Junction Capacitance Per Element
2
CJ
13
pF
Typical Thermal Resistance
3
RθJC
75
°C / W
Operating and Storage temperature range
TJ,TSTG
-55~150
°C
Note:
1. Mounted on P.C. board.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to ambient.
MBS
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.50
4.90
H
0.70
1.10
B
-
7.00
J
0.50
0.80
D
2.30
2.70
K
0.90
1.30
E
3.80
4.20
L
0.15
0.35
F
2.30
2.70
M
0.20 REF.
G
1.30
1.70


Similar Part No. - RH103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1034-1 LINER-RH1034-1 Datasheet
82Kb / 4P
   Micropower Dual Reference
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
   Micropower Dual Reference
RH1034-1 LINER-RH1034-1_15 Datasheet
82Kb / 4P
   Micropower Dual Reference
logo
List of Unclassifed Man...
RH1034SC ETC-RH1034SC Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - RH103

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
TMBR6S08 SECOS-TMBR6S08 Datasheet
154Kb / 2P
   0.8 Amp Silicon Bridge Rectifiers
logo
GUANGDONG HOTTECH INDUS...
MB05M HOTTECH-MB05M_18 Datasheet
165Kb / 2P
   0.8 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
S1GVB20-C SECOS-S1GVB20-C Datasheet
204Kb / 2P
   Voltage 200V ~ 800V 1.0 Amp Glass Passivited Bridge Rectifiers
MD1S SECOS-MD1S_15 Datasheet
241Kb / 2P
   0.8 Amp Surface Mount Bridge Rectifiers
logo
First Components Intern...
FCR100-6 FCI-FCR100-6 Datasheet
503Kb / 2P
   0.8 Amp Silicon Controlled rectifiers
FCR0840 FCI-FCR0840 Datasheet
144Kb / 2P
   0.8 Amp Silicon Controlled Rectifiers
logo
SeCoS Halbleitertechnol...
TF1S SECOS-TF1S Datasheet
209Kb / 2P
   Voltage 100V ~ 1000V 1.0 Amp Surface Mount Bridge Rectifiers
TF201S SECOS-TF201S Datasheet
206Kb / 2P
   Voltage 100V ~ 1000V 2.0 Amp Surface Mount Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
MB4F WILLAS-MB4F Datasheet
517Kb / 3P
   0.8 AMP SURFACE MOUNT SI- BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
EBS101 SECOS-EBS101 Datasheet
200Kb / 2P
   Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com