Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL207G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # RL207G
Description  Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RL207G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  RL207G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RL207G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
RL201G~RL207G
Voltage 50V ~ 1000V
2.0 Amp Glass Passivated Rectifiers
19-Dec-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Glass passivated junction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.43 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
RL
201G
RL
202G
RL
203G
RL
204G
RL
205G
RL
206G
RL
207G
Unit
Maximum Recurrent Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Instantaneous Forward
Voltage @ IF = 2A
VF
1
V
Maximum Average Forward Rectified
Current. 0.375” (9.5mm) lead length @
TA = 75°C
IO
2
A
Peak Forward Surge Current, 8.3ms
single half sine-wave superimposed on
rated load(JEDEC method)
IFSM
70
A
TA=25°C
5
Maximum DC Reverse
Current
TA=100°C
IR
50
A
Typical Junction Capacitance
1
CJ
20
pF
RθJA
40
Typical Thermal Resistance
2
RθJC
25
°C / W
Operating and Storage Temperature
Range
TJ, TSTG
-65~175
°C
Note:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
5.80
7.62
C
2.60
3.60
D
-
0.90
DO-15


Similar Part No. - RL207G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL207G RECTRON-RL207G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Shanghai Shunye Electro...
RL207G SY-RL207G Datasheet
1,021Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
RL207G CHONGQING-RL207G Datasheet
178Kb / 1P
   2.0AMPS .GLASS PASSIVATED RECTIFIERS
logo
Jinan Gude Electronic D...
RL207G JGD-RL207G Datasheet
128Kb / 2P
   2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
Rugao Dachang Electroni...
RL207G DACHANG-RL207G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
More results

Similar Description - RL207G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RS801G SECOS-RS801G Datasheet
101Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
KBP2005G WILLAS-KBP2005G Datasheet
240Kb / 2P
   2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER - 50V-1000V
logo
SeCoS Halbleitertechnol...
RS401L SECOS-RS401L Datasheet
128Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
KBU10A SECOS-KBU10A Datasheet
100Kb / 2P
   VOLTAGE 50V ~ 1000V 10 AMP Glass Passivated Bridge Rectifiers
KBL6005G SECOS-KBL6005G Datasheet
667Kb / 2P
   Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
RS401M SECOS-RS401M Datasheet
291Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
KBU4A SECOS-KBU4A Datasheet
55Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
1N4001G SECOS-1N4001G Datasheet
144Kb / 2P
   VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
MB205 SECOS-MB205 Datasheet
248Kb / 2P
   Voltage 600V ~ 1000V 2.0 Amp Glass Passivated Bridge Rectifiers Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com