Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-G0058 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-G0058
Description  Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 廓 block LNA / MIX Unconditionally stable)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-G0058 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-G0058 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-G0058 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-G0058 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-G0058 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-G0058 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-G0058 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-G0058 Datasheet HTML 7Page - Siemens Semiconductor Group Q62702-G0058 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BGA 425
Semiconductor Group
Jul-14-1998
3
Typical configuration
Application 1 - 3 (LNA)
Application 4 (Mix)
Appl.1
Appl.2
EHA07372
100 pF
100 pF
100 pF
10 nF
+3 V
RF OUT
RF IN
BGA 425
EHA07373
2.2 pF
100 pF
100 pF
10 nF
+3 V
RF OUT
RF IN
100 pF
100 nH
BGA 425
Appl.3
Appl.4
EHA07375
1 nF
100 pF
IF
RF
47 pF
180 nH
LO
33
47 pF
22 nH
10 nF
100 pF
+
V
BGA 425
EHA07374
100 pF
100 pF
100 pF
10 nF
+3 V
RF OUT
RF IN
100 pF
BGA 425
Note: 1) Large-value capacitors should be connected from pin 6 to ground right at the device
to provide a low impedance path! (appl. 1)
2) The use of plated through holes right at pin 2 and 5 is essential for pc-board-applications.
Thin boards are recommended to minimize the parasitic inductance to ground!
3) For more information please see application note 028 and 030.
Semiconductor Group
3
1998-11-01


Similar Part No. - Q62702-G0058

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-G0057 SIEMENS-Q62702-G0057 Datasheet
38Kb / 6P
   Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
More results

Similar Description - Q62702-G0058

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
   Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
BGA427 SIEMENS-BGA427 Datasheet
35Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Cascadable 50 W-gain block Unconditionally stable)
logo
Infineon Technologies A...
BGA427 INFINEON-BGA427 Datasheet
58Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Aug-02-2001
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA427 INFINEON-BGA427_07 Datasheet
165Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420 INFINEON-BGA420_07 Datasheet
166Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420E6327 INFINEON-BGA420E6327 Datasheet
553Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-07-26
BGA427H6327XTSA1 INFINEON-BGA427H6327XTSA1 Datasheet
548Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
logo
Pasternack Enterprises,...
PE15A5027 PASTERNACK-PE15A5027 Datasheet
508Kb / 5P
   Unconditionally Stable
PE15A3254 PASTERNACK-PE15A3254 Datasheet
482Kb / 8P
   Unconditionally Stable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com