Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-G0067 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-G0067
Description  Si-MMIC-Amplifier in SIEGET 25-Technologie (Cascadable 50 W-gain block Unconditionally stable)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-G0067 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-G0067 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-G0067 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-G0067 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-G0067 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-G0067 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BGA 427
Semiconductor Group
Au -11-1998
1
in SIEGET® 25-Technologie
Si-MMIC-Amplifier
VPS05605
4
2
1
3
Preliminary data
• Cascadable 50 Ω-gain block
• Unconditionally stable
• Gain |S
21|
2 = 18,5 dB at 1.8 GHz (appl.1)
gain |
S21|2 = 22 dB at 1.8 GHz (appl.2)
I
P3out = +7 dBm at 1.8 GHz (VD=3V, ID=9.4mA)
• Noise figure NF = 2.2 dB at 1.8 GHz
• typical device voltage V
D = 2 V to 5 V
• Reverse isolation < 35 dB (appl.2)
EHA07378
V
2
1
IN
OUT
+
4
3
GND
Circuit Diagram
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Package
Pin Configuration
Q62702-G0067
1, IN
BGA 427
2, GND
3, +V
4, Out
SOT-343
BMs
Maximum Ratings
Symbol
Value
Parameter
Unit
Device current
ID
mA
25
Device voltage
6
V
VD,+V
Ptot
150
mW
Total power dissipation,
TS ≤ tbd °C
dBm
RF input power
PRFin
-10
Junction temperature
Tj
150
°C
Ambient temperature
-65 ...+150
TA
Storage temperature
Tstg
-65 ...+150
Thermal Resistance
≤ tbd
K/W
Junction - soldering point
1)
RthJS
1)
TS is measured on the emitter (GND) lead at the soldering point to the pcb
Semiconductor Group
1
1998-11-01


Similar Part No. - Q62702-G0067

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-G0041 SIEMENS-Q62702-G0041 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
Q62702-G0042 SIEMENS-Q62702-G0042 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
Q62702-G0043 SIEMENS-Q62702-G0043 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
Q62702-G0057 SIEMENS-Q62702-G0057 Datasheet
38Kb / 6P
   Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
Q62702-G0058 SIEMENS-Q62702-G0058 Datasheet
81Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 廓 block LNA / MIX Unconditionally stable)
More results

Similar Description - Q62702-G0067

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
   Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
BGA425 SIEMENS-BGA425 Datasheet
81Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 廓 block LNA / MIX Unconditionally stable)
logo
Infineon Technologies A...
BGA427 INFINEON-BGA427 Datasheet
58Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Aug-02-2001
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA427 INFINEON-BGA427_07 Datasheet
165Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420 INFINEON-BGA420_07 Datasheet
166Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420E6327 INFINEON-BGA420E6327 Datasheet
553Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-07-26
BGA427H6327XTSA1 INFINEON-BGA427H6327XTSA1 Datasheet
548Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
   Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
Analog Devices
HMC3653LP3BE AD-HMC3653LP3BE Datasheet
521Kb / 8P
   HBT GAIN BLOCK MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com