Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC88915TFN160 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC88915TFN160
Description  LOW SKEW CMOS PLL CLOCK DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC88915TFN160 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC88915TFN160 Datasheet HTML 4Page - Motorola, Inc MC88915TFN160 Datasheet HTML 5Page - Motorola, Inc MC88915TFN160 Datasheet HTML 6Page - Motorola, Inc MC88915TFN160 Datasheet HTML 7Page - Motorola, Inc MC88915TFN160 Datasheet HTML 8Page - Motorola, Inc MC88915TFN160 Datasheet HTML 9Page - Motorola, Inc MC88915TFN160 Datasheet HTML 10Page - Motorola, Inc MC88915TFN160 Datasheet HTML 11Page - Motorola, Inc MC88915TFN160 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MC88915TFN55/70/100/133/160
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
8
MC88915TFN133
SYNC INPUT TIMING REQUIREMENTS
Symbol
Parameter
Minimum
Maximum
Unit
tRISE/FALL,SYNC Inputs
Rise/Fall Time, SYNC Inputs From 0.8 to 2.0V
3.0
ns
tCYCLE, SYNC Inputs
Input Clock Period SYNC Inputs
15.0 1
100 2
ns
Duty Cycle SYNC Inputs
Input Duty Cycle SYNC Inputs
50%
±25%
1. These tCYCLE minimum values are valid when ‘Q’ output is fed back and connected to the FEEDBACK pin. This is the configuration shown
in Figure 5b.
2. Information in Table 1 and in Note 3 of the AC specification notes describe this specification and its limits depending on what output is fed back,
and if FREQ_SEL
is high or low.
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) TA =–40° C to +85° C, VCC = 5.0 V ± 5%
Symbol
Parameter
Test Conditions
VCC
V
Target Limit
Unit
VIH
Minimum High–Level Input
Voltage
Vout = 0.1 V or VCC – 0.1 V
4.75
5.25
2.0
2.0
V
VIL
Maximum Low–Level Input
Voltage
Vout = 0.1 V or VCC – 0.1 V
4.75
5.25
0.8
0.8
V
VOH
Minimum High–Level Output
Voltage
Vin = VIH or VIL
IOH = –36 mA 1
4.75
5.25
4.01
4.51
V
VOL
Maximum Low–Level Output
Voltage
Vin = VIH or VIL
IOL = 36 mA 1
4.75
5.25
0.44
0.44
V
Iin
Maximum Input Leakage Current
VI = VCC or GND
5.25
±1.0
µA
ICCT
Maximum ICC/Input
VI = VCC – 2.1 V
5.25
2.0
2
mA
IOLD
Minimum Dynamic Output Current 3
VOLD = 1.0V Max
5.25
88
mA
IOHD
VOHD = 3.85V Min
5.25
–88
mA
ICC
Maximum Quiescent Supply
Current (per Package)
VI = VCC or GND
5.25
1.0
mA
IOZ
Maximum 3–State Leakage Current
VI = VIH or VIL;VO = VCC or GND
5.25
±50 4
µA
1. IOL and IOH are 12mA and –12mA respectively for the LOCK output.
2. The PLL_EN input pin is not guaranteed to meet this specification.
3. Maximum test duration is 2.0ms, one output loaded at a time.
4. Specification value for IOZ is preliminary, will be finalized upon ‘MC’ status.
CAPACITANCE AND POWER SPECIFICATIONS
Symbol
Parameter
Typical Values
Unit
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0 V
PD1
Power Dissipation @ 50MHz with 50
Ω Thevenin Termination
23mW/Output
184mW/Device
mW
VCC = 5.0 V
T = 25
°C
PD2
Power Dissipation @ 50MHz with 50
Ω Parallel Termination to GND
57mW/Output
456mW/Device
mW
VCC = 5.0 V
T = 25
° C
NOTE: PD1 and PD2 mW/Output numbers are for a ‘Q’ output.
FREQUENCY SPECIFICATIONS (TA =–40° C to +85° C, VCC = 5.0 V ±5%)
Guaranteed Minimum
Symbol
Parameter
TFN133
Unit
fmax 1
Maximum Operating Frequency (2X_Q Output)
133
MHz
Maximum Operating Frequency (Q0–Q4,Q5 Output)
66
MHz
1. Maximum Operating Frequency is guaranteed with the part in a phase–locked condition, and all outputs loaded with 50
Ω terminated to VCC/2.


Similar Part No. - MC88915TFN160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN55 MOTOROLA-MC88915FN55 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN55PLCC MOTOROLA-MC88915FN55PLCC Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN70PLCC MOTOROLA-MC88915FN70PLCC Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results

Similar Description - MC88915TFN160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88916 MOTOROLA-MC88916 Datasheet
114Kb / 9P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH PROCESSOR RESET
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com