Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-P1605 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62702-P1605
Description  Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P1605 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62702-P1605 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P1605 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P1605 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P1605 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BP 104 S
Semiconductor Group
4
1997-11-19
Directional characteristics Srel = f (ϕ)
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0
Relative spectral sensitivity
Srel = f (λ)
Dark current
IR = f (VR), E = 0
Photocurrent IP = f (Ev), VR = 5 V
Open-circuit voltage VO = f (Ev)
Capacitance
C = f (VR), f = 1 MHz, E = 0
Total power dissipation Ptot = f (TA)
Dark current
IR = f (TA), VR = 10 V, E = 0
λ
OHF00078
0
rel
S
400
20
40
60
80
%
100
500 600 700 800 900
nm 1100
OHF02284
VR
Ι
R
0
10-1
100
101
102
nA
2
4
6
8 10 12 14 16 V 20
lx
3
10
O
V
P
Ι
mV
A
µ
V
0
10
10
1
10
2
10
3
10
4
3
10
2
10
1
10
0
10
4
10
2
10
1
10
10
-1
Ι
P
10
0
V
OHF02283
E
V
OHF01778
R
-2
10
C
10
-1
10
0
10
1
10
2
V
0
10
20
30
40
50
pF
60
T
OHF00958
A
0
tot
P
0
20
40
60
80 ˚C 100
mW
20
40
60
80
100
120
140
160
T
OHF00082
A
-1
10
0
R
Ι
10
0
10
1
10
2
10
3
nA
20
40
60
80 ˚C 100


Similar Part No. - Q62702-P1605

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P1602 SIEMENS-Q62702-P1602 Datasheet
50Kb / 5P
   Silicon PIN Photodiode
Q62702-P1604 SIEMENS-Q62702-P1604 Datasheet
42Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
Q62702-P1606 SIEMENS-Q62702-P1606 Datasheet
188Kb / 5P
   NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
Q62702-P1607 SIEMENS-Q62702-P1607 Datasheet
188Kb / 5P
   NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
More results

Similar Description - Q62702-P1605

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH205FA SIEMENS-SFH205FA Datasheet
62Kb / 4P
   Neu: Silizium-PIN-Fotodiode mit Tageslichtsperrfilter New: Silicon-PIN-Photodiode with Daylight Filter
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OSRAM GmbH
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
Siemens Semiconductor G...
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BPX61 SIEMENS-BPX61 Datasheet
205Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
KOM2125 SIEMENS-KOM2125 Datasheet
241Kb / 4P
   NEU: 2fach-Silizium-PIN-Fotodiode in SMT NEW: 2-Chip Silicon PIN Photodiode in SMT
SFH213 SIEMENS-SFH213 Datasheet
224Kb / 4P
   Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time
SFH214 SIEMENS-SFH214 Datasheet
204Kb / 4P
   Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time
BPW33 SIEMENS-BPW33 Datasheet
30Kb / 4P
   Silizium-Fotodiode, Silicon Photodiode
SFH205F SIEMENS-SFH205F Datasheet
72Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com