Selected language     English  ▼


SM78LXX Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part No. SM78LXX
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SECOS [SeCoS Halbleitertechnologie GmbH]
Homepage  http://www.secosgmbh.com
Logo 

   
 1 page
background image
Elektronische Bauelemente
SM78Lxx Series
Positive Voltage Regulator
06-Jul-2011 Rev. C
Page 1 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen or lead -free
DESCRIPTION
The SM78LXX-B series of positive regulators are
available in the SOT-89 package and with 5V, 6V, 8V, 9V,
10V, 12V, 15V and 18V fixed output voltages, making it
useful in a wide range of applications. These regulators
can provide local on-card regulation, eliminating the
distribution problems associated with single point regulation.
Each type employs internal current limiting, thermal shut-down
and safe operating area protection, making it essentially
indestructible. If adequate heat sinking is provided, they
can deliver over 100mA output current. Although designed
primarily as fixed voltage regulators, these devices can
be used with external components to obtain adjustable
voltages and currents. SM78Lxx is characterized for
operation from 0°C to +125°C.
FEATURES
Internal Short-Circuit Current Limiting
Internal Thermal Overload Protection
No External Components Required
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7 inch
TYPICAL APPLICATION
MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
5V~9V
30
Input Voltage
12V~18V
VIN
35
V
Output Current
IO
100
mA
Operating Junction Temperature Range
TJ
0~125
Storage Temperature Range
Tstg
-55~150
°C
Power Dissipation @ TA=25°C
PD
500
mW
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.25
2.60
K
0.32
0.52
E
1.50
1.85
L
0.35
0.44
F
0.89
1.20




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl