Selected language     English  ▼


SM78LXX Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part No. SM78LXX
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SECOS [SeCoS Halbleitertechnologie GmbH]
Homepage  http://www.secosgmbh.com
Logo 

   
 5 page
background image
Elektronische Bauelemente
SM78Lxx Series
Positive Voltage Regulator
06-Jul-2011 Rev. C
Page 5 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SM78L18 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=40mA, VIN=26V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
1
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=26V, IO=40mA, TJ =25°C
17.3
18
18.7
20.5V≦VIN≦33V, 1mA≦IO≦40mA
17.1
18
18.9
VO
VIN=26V, 1mA≦IO≦70mA
17.1
18
18.9
V
20.5V≦VIN≦33V, IO=40mA, TJ=25°C
-
70
360
V
O(Line Regulation)
20.5V≦VIN≦33V, IO=40mA, TJ=25°C
-
64
300
mV
VIN=26V, 1mA≦IO≦100mA, TJ=25°C
-
27
180
V
O(Load Regulation)
VIN=26V, 1mA≦IO≦40mA, TJ=25°C
-
19
90
mV
IQ
TJ =25°C
-
4.7
6.5
mA
VIN=26V, 1mA≦IO≦40mA
-
-
0.1
I
Q
21V≦VIN≦33V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
89
-
μV
RR
21.5V≦VIN≦31.5V, f=120Hz
34
36
-
dB
VD
TJ=25°C
-
1.7
-
V
Note:
1. Bypass capacitors are recommended for optimum stability and transient response and should be located as close as possible to
the regulators




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl