Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW33 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BPW33
Description  Silizium-Fotodiode, Silicon Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BPW33 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BPW33 Datasheet HTML 1Page - Siemens Semiconductor Group BPW33 Datasheet HTML 2Page - Siemens Semiconductor Group BPW33 Datasheet HTML 3Page - Siemens Semiconductor Group BPW33 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BPW 33
Semiconductor Group
4
1997-11-19
Directional characteristics Srel = f (ϕ)
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0
Relative spectral sensitivity
Srel = f (λ)
Dark current
IR = f (VR), E = 0
Photocurrent IP = f (Ev), VR = 5 V
Open-circuit voltage VO = f (Ev)
Capacitance
C = f (VR), f = 1 MHz, E = 0
Total power dissipation
Ptot = f (TA)
Dark current
IR = f (TA), VR = 1 V, E = 0
λ
OHF00062
0
rel
S
400
600
800
1000
1200
20
40
60
80
%
100
nm
OHF00073
0
0
V
Ι
R
R
V
2
4
6
8
10
20
40
60
pA
80
13
5
7
E
OHF01064
e
0
10
P
Ι
10
1
10
2
10
4
10
-1
10
0
10
1
10
2
4
10
3
10
2
10
1
10
10
0
V
O
µAmV
Ι
P
V
O
3
10
lx
3
10
V
OHF01065
R
-2
10
C
10
-1
10
0
10
1
10
2
V
0
100
200
300
400
500
600
700
800
pF
1000
T
OHF00958
A
0
tot
P
0
20
40
60
80 ˚C 100
mW
20
40
60
80
100
120
140
160
T
OHF00075
A
R
Ι
10
0
10
1
10
2
10
3
10
4
pA
0
˚C
20
40
60
80
100


Similar Part No. - BPW33

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPW33 OSRAM-BPW33 Datasheet
79Kb / 5P
   Silizium-Fotodiode
BPW33 OSRAM-BPW33_01 Datasheet
79Kb / 5P
   Silizium-Fotodiode
More results

Similar Description - BPW33

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX90 SIEMENS-BPX90 Datasheet
240Kb / 5P
   Silizium-Fotodiode Silicon Photodiode
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OSRAM GmbH
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
Siemens Semiconductor G...
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
List of Unclassifed Man...
BPX48F ETC1-BPX48F Datasheet
186Kb / 6P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
logo
Siemens Semiconductor G...
BPX61 SIEMENS-BPX61 Datasheet
205Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BPX48 SIEMENS-BPX48 Datasheet
245Kb / 5P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
SFH221S SIEMENS-SFH221S Datasheet
221Kb / 4P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
logo
OSRAM GmbH
BPW33 OSRAM-BPW33_01 Datasheet
79Kb / 5P
   Silizium-Fotodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com