Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1645D1 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM1645D1
Description  VOLTAGE 45 V 16Amps Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1645D1 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM1645D1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1645D1 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM1645D1
VOLTAGE 45 V
16Amps Schottky Barrier Rectifiers
07-Jul-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 0.7 grams
Absolute Rating
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
Parameter
Symbol
Value
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
45
V
Maximum RMS Voltage
VRMS
45
V
Maximum DC Blocking Voltage
VDC
45
V
Per Terminal
8
A
Maximum Average Forward Rectified Current
Per Device
IF
16
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
190
A
Typical Junction Capacitance Note.1
CJ
320
pF
Typical Thermal Resistance
RθJC
8
°C/W
Operating Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
Static Electrical Characteristics
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IF=5A
TJ=25°C
0.44
0.48
IF=5A
TJ=1
00°C
0.3
9
0.4
1
IF=8A
TJ=25°C
0.49
0.52
Forward voltage drop (per Terminal)
VF
IF=8A
TJ=1
00°C
0.4
6
0.4
8
V
TJ=25°C
65
200
uA
Reverse leakage current (note 3)
IR
VR=45V
TJ=1
00°C
9
20
mA
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance Junction to Case.
3.
Pulse test: Pulse width 0.4ms.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.8
J
2.30 REF.
B
5.2
5.5
K
0.64
0.9
C
2.15
2.4
M
0.5
1.1
D
0.45
0.58
N
0.9
1.65
E
6.8
7.5
O
0
0.15
F
2.4
3.0
P
0.43
0.58
G
5.4
6.25
H
0.64
1.2
TO-252(D-PACK)
A
C
D
N
O
P
G E
F
H
K
J
M
B


Similar Part No. - SM1645D1

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1645D1 SECOS-SM1645D1_15 Datasheet
206Kb / 2P
   16Amps Schottky Barrier Rectifiers
More results

Similar Description - SM1645D1

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1645D1 SECOS-SM1645D1_15 Datasheet
206Kb / 2P
   16Amps Schottky Barrier Rectifiers
SBR3045I SECOS-SBR3045I Datasheet
273Kb / 2P
   Voltage 45 V 30.0 Amp Schottky Barrier Rectifiers
SBR3045R SECOS-SBR3045R_11 Datasheet
249Kb / 2P
   Voltage 45 V 30.0 Amp Schottky Barrier Rectifiers
SR1045 SECOS-SR1045_11 Datasheet
258Kb / 2P
   Voltage 45 V 10.0 Amp Schottky Barrier Rectifiers
logo
Jiangsu Donghai Semicon...
MBR2045CT WXDH-MBR2045CT Datasheet
658Kb / 7P
   Low VF Schottky Barrier series Rectifiers Voltage 45 Volts
MBRB2045CT WXDH-MBRB2045CT Datasheet
662Kb / 7P
   Low VF Schottky Barrier series Rectifiers Voltage 45 Volts
MBRF2045CT WXDH-MBRF2045CT Datasheet
658Kb / 7P
   Low VF Schottky Barrier series Rectifiers Voltage 45 Volts
MBRD2045CT WXDH-MBRD2045CT Datasheet
658Kb / 7P
   Low VF Schottky Barrier series Rectifiers Voltage 45 Volts
logo
SeCoS Halbleitertechnol...
SM1060DS1 SECOS-SM1060DS1 Datasheet
371Kb / 2P
   VOLTAGE 60 V 10Amp. Schottky Barrier Rectifiers
SM5200DS SECOS-SM5200DS Datasheet
227Kb / 2P
   VOLTAGE 200 V 5Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com