Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM20100D1 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM20100D1
Description  VOLTAGE 100 V 20Amps Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM20100D1 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM20100D1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM20100D1 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SM20100D1
VOLTAGE 100 V
20Amps Schottky Barrier Rectifiers
07-Jul-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES
Tc, Case Temperature (℃)
Typical Forward Current Derating Curve
0
5
10
15
20
50
100
150
190
Revise Voltage (%)
Typical Junction Capacitance
0
200
400
600
800
0.1
1
10
100
Maximum Non- Repetitive Forward
Surge Current
Number of Cycles at 60Hz
0
40
80
120
160
200
0
10
100
8.3mS Single half
Sine Wave
JEDEC Method
Tj=25℃
0.4
0.1
1
10
100
Forward Voltage (V)
Typical Forward Characteristic
0.5
0.6
0.7
0.8
0.9
1.0
25℃
125℃
75℃
0.1
1
10
100
1000
90
30
50
70
110
10
Reverse Voltage(V)
Typical Reverse Characteristic
25℃
100℃
75℃


Similar Part No. - SM20100D1

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM20100D1 SECOS-SM20100D1_15 Datasheet
227Kb / 2P
   Barrier Schottky Rectifier
More results

Similar Description - SM20100D1

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10100DS SECOS-SM10100DS_11 Datasheet
275Kb / 2P
   VOLTAGE 100 V 10A Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100 Datasheet
137Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F Datasheet
223Kb / 2P
   Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100_11 Datasheet
257Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR30100F SECOS-MBR30100F Datasheet
146Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
MBR30100 SECOS-MBR30100 Datasheet
146Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100 Datasheet
170Kb / 2P
   VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR10100D SECOS-MBR10100D Datasheet
286Kb / 2P
   Voltage 100 V 10 Amp Schottky Barrier Rectifiers
MBR10100F SECOS-MBR10100F Datasheet
216Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10100F SECOS-SBR10100F Datasheet
173Kb / 2P
   VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com