Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-P79-S1 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-P79-S1
Description  NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P79-S1 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-P79-S1 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P79-S1 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P79-S1 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P79-S1 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-P79-S1 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-P79-S1 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
211
BP 103
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
Ma
βe in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
BP 103
1) Lieferung in dieser Gruppe kann wegen Ausbeuteschwankungen nicht immer sichergestellt werden.
Wir behalten uns in diesem Fall die Lieferung einer Ersatzgruppe vor.
1) Supplies out of this group cannot always be guaranteed due to unforseeable spread of yield.
In this case we will reserve us the right of delivering a substitute group.
Typ
Type
Bestellnummer
Ordering Code
BP 103
Q62702-P75
BP 103-2
Q62702-P79-S1
BP 103-3
Q62702-P79-S2
BP 103-4
Q62702-P79-S4
BP 103-51)
Q 62702-P781
Wesentliche Merkmale
q
Speziell geeignet für Anwendungen im
Bereich von 420 nm bis 1130 nm
q
Hohe Linearität
q
TO-18, Bodenplatte, klares Epoxy-
Gie
βharz, mit Basisanschluβ
Anwendungen
q
Computer-Blitzlichtgeräte
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
q
Industrieelektronik
q
“Messen/Steuern/Regeln”
Features
q
Especially suitable for applications from
420 nm to 1130 nm
q
High linearity
q
TO-18, base plate, transparent epoxy resin
lens, with base connection
Applications
q
Computer-controlled flashes
q
Photointerrupters
q
Industrial electronics
q
For control and drive circuits
10.95


Similar Part No. - Q62702-P79-S1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P790 SIEMENS-Q62702-P790 Datasheet
64Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results

Similar Description - Q62702-P79-S1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com