Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG2391P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2391P
Description  -0.9A , -150V , RDS(ON) 1.2 P-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2391P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMG2391P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2391P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2391P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2391P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SMG2391P
-0.9A , -150V , RDS(ON) 1.2 Ω
P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
27-Oct-2011 Rev. A
Page 1 of 4
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SC-59
TOP VIEW
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
FEATURES
Low RDS(on) trench technology
Low thermal impedance
Fast switching speed
APPLICATIONS
PoE Power Sourcing Equipment
PoE Powered Devices
Telecom DC/DC converters
White LED boost converters
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-150
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
TA=25°C
ID
-0.9
A
TA=70°C
-0.8
Pulsed Drain Current
2
IDM
5
A
Power Dissipation
1
TA=25°C
PD
1.3
W
TA=70°C
0.8
Continuous Source Current (Diode Conduction)
1
IS
1.5
A
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Junction to Ambient
1
t<= 10sec
RθJA
100
°C / W
Steady State
166
Notes:
1.
Surface mounted on 1”x1” FR4 board.
2.
Pulse width limited by Max. junction temperature.
Package
MPQ
Leader Size
SC-59
3K
7 inch
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0.10 REF.
B
2.25
3.00
H
0.40 REF.
C
1.30
1.70
J
0.10
0.20
D
1.00
1.40
K
0.45
0.55
E
1.70
2.30
L
0.85
1.15
F
0.35
0.50
1
2
3


Similar Part No. - SMG2391P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2390N SECOS-SMG2390N Datasheet
142Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2390N SECOS-SMG2390N_15 Datasheet
142Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2392N SECOS-SMG2392N Datasheet
542Kb / 4P
   N-Channel Enhancement Mode MOSFET
SMG2392N SECOS-SMG2392N_15 Datasheet
542Kb / 4P
   N-Channel Enhancement Mode MOSFET
SMG2398N SECOS-SMG2398N Datasheet
148Kb / 2P
   N-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com