Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT4443 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # STT4443
Description  -2.3A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT4443 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  STT4443 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT4443 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT4443 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT4443 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
STT4443
-2.3A , -30V , RDS(ON) 120 m
P-Channel Enhancement Mode MOSFET
02-Dec-2011 Rev. B
Page 3 of 4
CHARACTERISTIC CURVES


Similar Part No. - STT4443

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STT432S SAMHOP-STT432S Datasheet
196Kb / 7P
   Super high dense cell design for low RDS(ON).
STT4660 SAMHOP-STT4660 Datasheet
196Kb / 7P
   Super high dense cell design for low RDS(ON).
STT468A SAMHOP-STT468A Datasheet
132Kb / 8P
   Super high dense cell design for low RDS(ON).
logo
List of Unclassifed Man...
STT49 ETC2-STT49 Datasheet
589Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT49 SIRECTIFIER-STT49 Datasheet
589Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT4443

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
   N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
SMG5409 SECOS-SMG5409 Datasheet
1Mb / 4P
   -2.6A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
   -4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
STT3962NE SECOS-STT3962NE Datasheet
104Kb / 2P
   2.3A , 60V , RDS(ON) 0.153 N-Channel Enhancement Mode MOSFET
SMG1330N SECOS-SMG1330N Datasheet
64Kb / 2P
   2.0A , 30V , RDS(ON) 58 m N-Channel Enhancement Mode MOSFET
SMG5406 SECOS-SMG5406 Datasheet
1Mb / 4P
   3.6A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET
SSG4407P SECOS-SSG4407P Datasheet
548Kb / 4P
   -15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET
STT6802 SECOS-STT6802 Datasheet
1Mb / 4P
   3.3A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMM23P20 FCI-FMM23P20 Datasheet
128Kb / 4P
   2.3A 20V P-Channel Enhancement-Mode MOSFET
logo
SeCoS Halbleitertechnol...
SGM3055 SECOS-SGM3055_11 Datasheet
778Kb / 4P
   6A , 30V , RDS(ON) 26 m??N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com