Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU78XX-B Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SU78XX-B
Description  2-Terminal Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SU78XX-B Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SU78XX-B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SU78XX-B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SU78XX-B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SU78XX-B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
SU78xx-B Series
2-Terminal
Positive Voltage Regulator
17-Aug-2011 Rev. C
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SU7809-B ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=500mA, VIN=16V, CIN=0.33F, CO=0.1F unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=16V, IO=500mA, TJ=25°C
8.65
9
9.35
VO
11.5V≦VIN≦24V, 5mA≦IO≦1A, PD≦15W
8.55
9
9.45
V
11.5V≦VIN≦27V, TJ=25°C
-
7
180
V
O(Line Regulation)
13V≦VIN≦19V, TJ=25°C
-
2
90
mV
5mA≦IO≦1.5A, TJ=25°C
-
12
180
V
O(Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
4
90
mV
IQ
VIN=15V, IO=500mA, TJ=25°C
-
4.3
8
mA
5mA≦IO≦1A
-
-
0.5
I
Q
11.5V≦VIN≦27V
-
-
1
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
60
-
uV
RR
12V≦VIN≦22V, f=120Hz
55
70
-
dB
VD
Io=1A, TJ=25°C
-
2
-
V
ISC
TJ=25°C
-
400
-
mA
IPK
TJ=25°C
-
2.2
-
mA
V
O/Tj
IO=5mA, 0°C≦TJ≦125°C
-
-1
-
mV/°C
SU7812-B ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=500mA, VIN=19V, CIN=0.33F, CO=0.1F unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=19V, IO=500mA, TJ=25°C
11.5
12
12.5
VO
14.5V≦VIN≦27V, 5mA≦IO≦1A, PD≦15W
11.4
12
12.6
V
14.5V≦VIN≦30V, TJ=25°C
-
10
240
V
O(Line Regulation)
16V≦VIN≦22V, TJ=25°C
-
3
120
mV
5mA≦IO≦1.5A, TJ=25°C
-
-
240
V
O(Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
-
120
mV
IQ
VIN=19V, IO=500mA, TJ=25°C
-
4.3
8
mA
5mA≦IO≦1A
-
-
0.5
I
Q
14.5V≦VIN≦30V
-
-
1
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
75
-
uV
RR
15V≦VIN≦25V, f=120Hz, TJ=25°C
55
71
-
dB
VD
Io=1A, TJ =25°C
-
2
-
V
ISC
TJ=25°C
-
350
-
mA
IPK
TJ=25°C
-
2.2
-
mA
V
O/Tj
IO=5mA
-
-1
-
mV/°C


Similar Part No. - SU78XX-B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
More results

Similar Description - SU78XX-B

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com