Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP31C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # TIP31C
Description  NPN Plastic-Encapsulate Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

TIP31C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  TIP31C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TIP31C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TIP31 / TIP31A / TIP31B / TIP31C
NPN Plastic-Encapsulate Transistor
Elektronische Bauelemente
19-Sep-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector - Base Breakdown
Voltage
TIP31
V(BR)CBO
40
-
-
V
IC=1mA, IE=0
TIP31A
60
-
-
TIP31B
80
-
-
TIP31C
100
-
-
Collector - Emitter
Breakdown Voltage
1
TIP31
V(BR)CEO
40
-
-
V
IC=30mA, IB=0
TIP31A
60
-
-
TIP31B
80
-
-
TIP31C
100
-
-
Emitter - Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=1mA, IC=0
Collector Cut - Off Current
TIP31
ICBO
-
-
200
µA
VCB=40V, IE=0
TIP31A
VCB=60V, IE=0
TIP31B
VCB=80V, IE=0
TIP31C
VCB=100V, IE=0
Collector Cut-Off
Current
TIP31 / TIP31A
ICEO
-
-
0.3
mA
VCE=30V, IB=0
TIP31B / TIP31C
VCE=60V, IB=0
Emitter Cut-Off Current
IEBO
-
-
1
mA
VEB=5V, IC=0
DC Current Gain
hFE
25
-
-
VCE=4V, IC=1A
15
-
75
VCE=4V, IC=3A
Collector - Emitter Saturation Voltage
VCE(sat)
-
-
1.2
V
IC=3A, IB=0.375A
Base – Emitter Voltage
VBE
-
-
1.8
V
VCE=4V, IC=3A
Transition Frequency
f T
3
-
-
MHz
VCE=10V, IC=0.5A
Notes:
1.
Pulse Test: PW≦300µs, Duty Cycle≦2%.


Similar Part No. - TIP31C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
TIP31C JSMC-TIP31C Datasheet
279Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
136Kb / 10P
   Power transistors
logo
Tiger Electronic Co.,Lt...
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
   Complementary Silicon Power Ttransistors
logo
Inchange Semiconductor ...
TIP31C ISC-TIP31C Datasheet
292Kb / 2P
   isc Silicon NPN Power Transistors
More results

Similar Description - TIP31C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
   NPN Plastic Plastic-Encapsulate Transistor
2SD2114 SECOS-2SD2114_15 Datasheet
413Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SD2142 SECOS-2SD2142_15 Datasheet
335Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A_15 Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SC2859 SECOS-2SC2859_15 Datasheet
526Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883_15 Datasheet
370Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215_15 Datasheet
195Kb / 3P
   NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669_15 Datasheet
191Kb / 2P
   NPN Plastic-Encapsulate Transistor
BC817W SECOS-BC817W_15 Datasheet
240Kb / 2P
   NPN Plastic Encapsulate Transistor
M8050T SECOS-M8050T_15 Datasheet
64Kb / 1P
   NPN Plastic Encapsulate Transistor
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
   NPN Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com