Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX43 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BPX43
Description  PHOTOTRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BPX43 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BPX43 Datasheet HTML 1Page - Siemens Semiconductor Group BPX43 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Group
223
BPX 43
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
BPX 43
Typ
Type
Bestellnummer
Ordering Code
BPX43
Q62702-P16
BPX 43-2
Q62702-P16-S2
BPX 43-3
Q62702-P16-S3
BPX 43-4
Q62702-P16-S4
BPX 43-5
Q 62702-P16-S5
Wesentliche Merkmale
q
Speziell geeignet für Anwendungen im
Bereich von 450 nm bis 1100 nm
q
Hohe Linearität
q
Hermetisch dichte Metallbauform (TO-18)
mit Basisanschlu
β, geeignet bis 125 °C
q
Gruppiert lieferbar
Anwendungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
q
Industrieelektronik
q
“Messen/Steuern/Regeln”
Features
q
Especially suitable for applications from
450 nm to 1100 nm
q
High linearity
q
Hermetically sealed metal package (TO-18)
with base connection suitable up to 125
°C
q
Available in groups
Applications
q
Photointerrupters
q
Industrial electronics
q
For control and drive circuits
Ma
βe in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified
10.95


Similar Part No. - BPX43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPX43 VISHAY-BPX43 Datasheet
87Kb / 6P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
logo
Siemens Semiconductor G...
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
BPX43 OSRAM-BPX43 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
BPX43-2 SIEMENS-BPX43-2 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43-3 SIEMENS-BPX43-3 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - BPX43

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2829 HAMAMATSU-S2829 Datasheet
83Kb / 2P
   Phototransistor Subminiature package phototransistor
logo
List of Unclassifed Man...
OPT6794 ETC1-OPT6794 Datasheet
71Kb / 1P
   Phototransistor
logo
Kingbright Corporation
AM4457P3C KINGBRIGHT-AM4457P3C Datasheet
190Kb / 4P
   PHOTOTRANSISTOR
logo
Siemens Semiconductor G...
LPT85A SIEMENS-LPT85A Datasheet
63Kb / 2P
   PHOTOTRANSISTOR
logo
Lite-On Technology Corp...
LTE-4206 LITEON-LTE-4206_1 Datasheet
108Kb / 3P
   PHOTOTRANSISTOR
logo
Kingbright Corporation
WP3DP3BT-BD-P22 KINGBRIGHT-WP3DP3BT-BD-P22 Datasheet
663Kb / 4P
   Phototransistor
logo
Siemens Semiconductor G...
BPX38 SIEMENS-BPX38 Datasheet
131Kb / 2P
   PHOTOTRANSISTOR
logo
Sharp Corporation
PT100MF1MP1 SHARP-PT100MF1MP1 Datasheet
396Kb / 10P
   Phototransistor
PT480E00000F SHARP-PT480E00000F Datasheet
551Kb / 9P
   Phototransistor
logo
Kingbright Corporation
KM-4457P3C KINGBRIGHT-KM-4457P3C Datasheet
391Kb / 2P
   PHOTOTRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com