Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP151A13COMR Datasheet(PDF) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # XP151A13COMR
Description  20 V N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

XP151A13COMR Datasheet(HTML) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  XP151A13COMR Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. XP151A13COMR Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. XP151A13COMR Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. XP151A13COMR Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
2.5
On-Resistance vs. Drain Current
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
0
2
4
6
8
10
012345
TC = 125_C
–55
_C
0, 0.5, 1 V
VGS = 5 thru 2.5 V
1.5 V
2 V
0
200
400
600
800
1000
0
4
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–50
0
50
100
150
0
1
2
3
4
5
01234567
0
0.03
0.06
0.09
0.12
0.15
02468
10
Gate Charge
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 3.6 A
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
VGS = 4.5 V
ID = 3.6 A
TJ – Junction Temperature (_C)
VGS = 2.5 V
VGS = 4.5 V
25
_C
XP151A13COMR
20V N-Channel Enhancement Mode MOSFET
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - XP151A13COMR

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
XP151A13 KEXIN-XP151A13 Datasheet
208Kb / 3P
   N-Channel Power
logo
Torex Semiconductor
XP151A13A0MR TOREX-XP151A13A0MR Datasheet
57Kb / 4P
   Power MOS FET
XP151A13A0MR TOREX-XP151A13A0MR Datasheet
432Kb / 5P
   Power MOSFET
XP151A13A0MR TOREX-XP151A13A0MR Datasheet
312Kb / 5P
   Power MOSFET
logo
ZP Semiconductor
XP151A13A0MR ZPSEMI-XP151A13A0MR Datasheet
161Kb / 2P
   Power MOSFET
More results

Similar Description - XP151A13COMR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
SI2300 HTSEMI-SI2300 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
FDN335N HTSEMI-FDN335N Datasheet
1Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2312 HTSEMI-SI2312 Datasheet
1Mb / 3P
   20 V N-Channel Enhancement Mode MOSFET
PT8205A HTSEMI-PT8205A Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
PT8205 HTSEMI-PT8205 Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
PT8822 HTSEMI-PT8822 Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
XP152A12COMR HTSEMI-XP152A12COMR Datasheet
2Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
PT4410 HTSEMI-PT4410 Datasheet
1Mb / 3P
   30 V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com