Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM2V0 Datasheet(PDF) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # ZMM2V0
Description  SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

ZMM2V0 Datasheet(HTML) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  ZMM2V0 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V0 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V0 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V0 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V0 Datasheet HTML 5Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V0 Datasheet HTML 6Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V0 Datasheet HTML 7Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V0 Datasheet HTML 8Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
0
0
10
20
Vz
40
30
ZMM 36
ZMM 15
Test current Iz
5mA
10
20
Iz
ZMM 12
Breakdown characteristics
Tj = constant (pulsed)
mA
30
0
01
ZMM 10
24
3
ZMM 27
ZMM 18
ZMM 22
ZMM 33
57
6
Vz
Tj=25 C
ZMM...
o
810
9
ZMM 3.3
ZMM 3.9
Test current Iz
5mA
20
10
30
Breakdown characteristics
Tj = constant (pulsed)
Iz
40
50
mA
ZMM 1
o
Tj=25 C
ZMM 2.7
ZMM 8.2
ZMM 5.6
ZMM 4.7
ZMM...
V
V
ZMM 6.8
Date:2011/05
www.htsemi.com
semiconductor
JinYu
ZMM 1...ZMM200


Similar Part No. - ZMM2V0

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ZMM2V0 SEMTECH_ELEC-ZMM2V0 Datasheet
456Kb / 8P
   SILICON PLANAR ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZMM2V0 PACELEADER-ZMM2V0 Datasheet
268Kb / 8P
   SURFACE MOUNT ZENER DIODES
logo
Suntan Capacitors
ZMM2V0 SUNTAN-ZMM2V0 Datasheet
1Mb / 8P
   In MiniMELF case especially for automatic insertion
logo
Olitech Electronics Co....
ZMM2V0 OLITECH-ZMM2V0 Datasheet
638Kb / 3P
   ZENER DIODES
logo
Nanjing International G...
ZMM2V0 DGNJDZ-ZMM2V0 Datasheet
170Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
More results

Similar Description - ZMM2V0

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com