Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX65 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BPX65
Description  Silizium-PIN-Fotodiode Silicon PIN Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BPX65 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BPX65 Datasheet HTML 1Page - Siemens Semiconductor Group BPX65 Datasheet HTML 2Page - Siemens Semiconductor Group BPX65 Datasheet HTML 3Page - Siemens Semiconductor Group BPX65 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BPX 65
BPX 66
Semiconductor Group
345
Relative spectral sensitivity
Srel = f (λ)
Dark current
IR = f (VR), E = 0
Photocurrent IP = f (Ev), VR = 5 V
Open-circuit-voltage VL= f (Ev)
Capacitance
C = f (VR), f = 1 MHz, E = 0
Total power dissipation Ptot = f (TA)
Dark current
IR = f (TA), VR = 20 V, E = 0
Directional characteristics Srel = f (ϕ)


Similar Part No. - BPX65

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPX65 OSRAM-BPX65 Datasheet
291Kb / 8P
   High speed photo detector
More results

Similar Description - BPX65

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
Siemens Semiconductor G...
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BPX61 SIEMENS-BPX61 Datasheet
205Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
BPW33 SIEMENS-BPW33 Datasheet
30Kb / 4P
   Silizium-Fotodiode, Silicon Photodiode
SFH205F SIEMENS-SFH205F Datasheet
72Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
SFH204F SIEMENS-SFH204F Datasheet
86Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
SFH205 SIEMENS-SFH205 Datasheet
157Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
BPX90 SIEMENS-BPX90 Datasheet
240Kb / 5P
   Silizium-Fotodiode Silicon Photodiode
SFH205FA SIEMENS-SFH205FA Datasheet
62Kb / 4P
   Neu: Silizium-PIN-Fotodiode mit Tageslichtsperrfilter New: Silicon-PIN-Photodiode with Daylight Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com