Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS170WS-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS170WS-V
Description  Small Signal Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS170WS-V Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS170WS-V Datasheet HTML 1Page - Vishay Siliconix BAS170WS-V Datasheet HTML 2Page - Vishay Siliconix BAS170WS-V Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 85653
Rev. 1.7, 05-Aug-10
BAS170WS-V
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Pulse test; t
p ≤ 300 µs
Package Dimensions in millimeters (inches): SOD-323
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 10 µA (pulsed)
V(BR)
70
V
Leakage current
VR = 50 V
IR
0.1
µA
VR = 70 V
IR
10
µA
Forward voltage
IF = 1 mA
VF
375
410
mV
IF = 10 mA
VF
705
750
mV
Forward voltage1)
IF = 15 mA
VF
880
1000
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
1.5
2
pF
Differential forward resistance
IE = 5 mA, f = 10 kHz
RF
34
Ω
Foot print recommendation:
Rev. 5 - Date: 23.Sept.2009
17443
Document no.:S8-V-3910.02-001 (4)
0.6 (0.024)
0.6 (0.024)
1.6 (0.063)
Cathode bar
2.50 (0.098)
2.85 (0.112)
1.60 (0.063)
1.95 (0.077)
Created - Date: 24.August.2004
0.40 (0.016)
0.25 (0.010)


Similar Part No. - BAS170WS-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
   Small Signal Schottky Diode
Rev. 1.6, 02-Jul-07
BAS170WS-V VISHAY-BAS170WS-V Datasheet
84Kb / 4P
   Small Signal Schottky Diode
Rev. 1.7, 05-Aug-10
BAS170WS-V-GS08 VISHAY-BAS170WS-V-GS08 Datasheet
126Kb / 4P
   Small Signal Schottky Diode
Rev. 1.6, 02-Jul-07
BAS170WS-V-GS18 VISHAY-BAS170WS-V-GS18 Datasheet
126Kb / 4P
   Small Signal Schottky Diode
Rev. 1.6, 02-Jul-07
BAS170WS-V VISHAY-BAS170WS-V_10 Datasheet
84Kb / 4P
   Small Signal Schottky Diode
Rev. 1.7, 05-Aug-10
More results

Similar Description - BAS170WS-V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com