Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1192 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1192
Description  Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1192 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1192 Datasheet HTML 5Page - Allegro MicroSystems A1192 Datasheet HTML 6Page - Allegro MicroSystems A1192 Datasheet HTML 7Page - Allegro MicroSystems A1192 Datasheet HTML 8Page - Allegro MicroSystems A1192 Datasheet HTML 9Page - Allegro MicroSystems A1192 Datasheet HTML 10Page - Allegro MicroSystems A1192 Datasheet HTML 11Page - Allegro MicroSystems A1192 Datasheet HTML 12Page - Allegro MicroSystems A1192 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Programming Guidelines
Overview
Programming is accomplished by sending a series of input volt-
age pulses serially through the VCC (supply) pin of the device.
A unique combination of different voltage level pulses controls
the internal programming logic of the device to select a desired
programmable parameter and change its value. There are three
voltage levels that must be taken into account when program-
ming. These levels are referred to as high (VPH), mid (VPM), and
low (VPL) (see figure 1 and table 1).
The A119x family features two programmable modes, Try mode
and Blow mode.
• In Try mode, programmable parameter values are set and mea-
sured. A parameter value is stored temporarily, and reset after
cycling the supply voltage.
• In Blow mode, the value of a programmable parameter may
be permanently set by blowing solid-state fuses internal to the
device. Device locking is also accomplished in this mode.
The programming sequence is designed to help prevent the
device from being programmed accidentally; for example, as a
result of noise on the supply line. Although any programmable
variable power supply can be used to generate the pulse wave-
forms, Allegro highly recommends using the Allegro Sensor IC
Evaluation Kit, available on the Allegro website On-line Store.
The manual for that kit is available for download free of charge,
and provides additional information on programming these
devices.
Definition of Terms
Register. The section of the programming logic that controls the
choice of programmable modes and parameters.
Bit Field. The internal fuses unique to each register, represented
as a binary number. Changing the bit field selection in a particu-
lar register causes its programmable parameter to change, based
on the internal programming logic.
Key. A series of VPM voltage pulses used to select a register or mode.
Table 1. Programming Pulse Requirements, Protocol at TA = 25°C (refer also to figure 4)
Characteristic
Symbol
Notes
Min. Typ. Max. Unit
Programming Voltage
VPL
Measured at the VCC pin.
4.5
5
5.5
V
VPM
12.5
14
V
VPH
21
27
V
Programming Current
IPP
tPr = 11 μs, VCC = 5 → 26 V, CBLOW = 0.1 μF (min). Minimum supply current
required to ensure proper fuse blowing. CBLOW must be connected between the
VCC and GND pins during programming to provide the current necessary for fuse
blowing.
175
mA
Pulse Width
tLOW
Duration at VPL separating pulses at VPM or VPH.20
μs
tACTIVE
Duration of pulses at VPM or VPH for key/code selection.
20
μs
tBLOW
Duration of pulse at VPH for fuse blowing.
90
100
μs
Pulse Rise Time
tPr
VPL to VPM, or VPL to VPH.
5
100
μs
Pulse Fall Time
tPf
VPH to VPL, or VPM to VPL.
5
100
μs
Blow Pulse Slew Rate
SRBLOW
375
mV/ μs
0
(Supply
cycled)
Programming
pulses
Blow
pulse
tACTIVE
tLOW
tLOW
tBLOW
tPr
tPf
VPH
VPM
VPL
Figure 4. Programming pulse definition (see table 1)
Programmable, Chopper-Stabilized,
Two Wire Hall-Effect Switches
A1190, A1192,
and A1193
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A1192

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1192 ALLEGRO-A1192 Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1192 ALLEGRO-A1192 Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1192LLHLT-F-T2 ALLEGRO-A1192LLHLT-F-T2 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1192LLHLT-F-T2 ALLEGRO-A1192LLHLT-F-T2 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1192LLHLT-T2 ALLEGRO-A1192LLHLT-T2 Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
More results

Similar Description - A1192

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com