Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1192 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1192
Description  Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1192 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1192 Datasheet HTML 6Page - Allegro MicroSystems A1192 Datasheet HTML 7Page - Allegro MicroSystems A1192 Datasheet HTML 8Page - Allegro MicroSystems A1192 Datasheet HTML 9Page - Allegro MicroSystems A1192 Datasheet HTML 10Page - Allegro MicroSystems A1192 Datasheet HTML 11Page - Allegro MicroSystems A1192 Datasheet HTML 12Page - Allegro MicroSystems A1192 Datasheet HTML 13Page - Allegro MicroSystems A1192 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Programmable, Chopper-Stabilized,
Two Wire Hall-Effect Switches
A1190, A1192,
and A1193
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Table 2. Programming Logic Table
Register
Bit Field Address (Code)
Description
Key
Name
Binary Format
[MSB → LSB]
Decimal
Equivalent
Try Mode
0BOP Trim Up Counting
000000
0
Initial value (below minimum |BOP| ) (Try mode sequence
starts with code 1); Code corresponds to bit field value (code
1 selects bit field value 000001)
111111
63
Maximum selectable value (above maximum |BOP| )
1BOP Trim Down Counting
111111
0
Initial value (above maximum |BOP| ) (Try mode sequence
starts with code 1); Code is automatically inverted (code 1
selects bit field value 111110)
000000
63
Minimum selectable value (below minimum |BOP|)
7
Fuse Check
000111
7
Check integrity of all fuse bits versus low threshold
001111
15
Check integrity of all fuse bits versus high threshold
Blow Mode
0BOP Trim
000000
0
Initial value (below minimum |BOP| ); (Only allows selection
of 1 bit per sequence)
111111
63
Maximum selectable value (above maximum |BOP| ); (Only
allows selection of 1 bit per sequence)
7
Programming Lock
001000
8
Locks out access to all registers except Fuse Check
Code. The number used to identify the combination of fuses
activated in a bit field, expressed as the decimal equivalent of the
binary value. The LSB of a bit field is denoted as code 1, or bit 0.
Addressing. Setting the bit field code in a selected register by
serially applying a pulse train through the VCC pin of the device.
Each parameter can be measured during the addressing process,
but the internal fuses must be blown before the programming
code (and parameter value) becomes permanent.
Fuse Blowing. Applying a VPH pulse of sufficient duration to
permanently set an addressed bit by blowing a fuse internal to the
device. Once a bit (fuse) has been blown, it cannot be reset.
Blow Pulse. A VPH pulse of sufficient duration to blow the
addressed fuse.
Cycling the Supply. Powering-down, and then powering-up the
supply voltage. Cycling the supply is used to clear the program-
ming settings in Try mode.
Programming Procedure
Programming involves selection of a register, a mode, and then
setting values for parameters in the register for evaluation or for
fuse blowing. Figure 10 provides an overview state diagram.
Register Selection Each programmable parameter can be
accessed through a specific register. To select a register, a
sequence of voltage pulses consisting of a VPH pulse, a series of
VPM pulses, and a VPH pulse (with no VCC supply interruptions)
must be applied serially to the VCC pin. The quantity of VPM
pulses is called the key, and uniquely identifies each register. The
pulses for selection of register key 1, is shown in figure 5. No
VPM pulse is sent for key 0. The register selections are shown in
table 2.
Mode Selection After register selection, the mode is selected,
either Try or Blow mode. Try mode is selected by default. To
select Blow mode, that mode selection key must be sent.


Similar Part No. - A1192

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1192 ALLEGRO-A1192 Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1192 ALLEGRO-A1192 Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1192LLHLT-F-T2 ALLEGRO-A1192LLHLT-F-T2 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1192LLHLT-F-T2 ALLEGRO-A1192LLHLT-F-T2 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1192LLHLT-T2 ALLEGRO-A1192LLHLT-T2 Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
More results

Similar Description - A1192

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com