Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8513KLYTR-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A8513KLYTR-T
Description  Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8513KLYTR-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A8513KLYTR-T Datasheet HTML 3Page - Allegro MicroSystems A8513KLYTR-T Datasheet HTML 4Page - Allegro MicroSystems A8513KLYTR-T Datasheet HTML 5Page - Allegro MicroSystems A8513KLYTR-T Datasheet HTML 6Page - Allegro MicroSystems A8513KLYTR-T Datasheet HTML 7Page - Allegro MicroSystems A8513KLYTR-T Datasheet HTML 8Page - Allegro MicroSystems A8513KLYTR-T Datasheet HTML 9Page - Allegro MicroSystems A8513KLYTR-T Datasheet HTML 10Page - Allegro MicroSystems A8513KLYTR-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8513
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Performance
-55
-5
45
145
95
-55
-5
45
145
95
-55
-5
45
145
95
-55
-5
45
145
95
4.345
4.295
4.245
4.195
4.145
4.095
4.045
3.995
3.945
3.855
3.805
3.755
3.705
3.655
3.605
3.555
3.505
VIN UVLO Rising Threshold Voltage
2.20
2.15
2.10
2.05
2.00
1.95
1.90
1.85
1.80
Switch Frequency
10
9
8
7
6
5
4
3
2
1
0
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
VIN Input Sleep Mode Current
versus Ambient Temperature
versus Ambient Temperature
versus Ambient Temperature
VIN UVLO Falling Threshold Voltage
versus Ambient Temperature
VIN = 40 V
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
Input Voltage, VIN (V)
Efficiency Versus Input Voltage
ILED = 90 mA, LED Vf ≈ 3.2 V
Efficiency Versus Input Voltage
ILED = 150 mA, LED Vf ≈ 3.2 V
78
56
9
11 12
14
10
13
15 16 17 18 19
21
20
22
Input Voltage, VIN (V)
78
56
9
11 12
14
10
13
15 16 17 18 19
21
20
22
5 series LEDs; VOUT = 17 V
6 series LEDs; VOUT = 20 V
7 series LEDs; VOUT = 23 V
5 series LEDs; VOUT = 17 V
6 series LEDs; VOUT = 20 V
7 series LEDs; VOUT = 23 V


Similar Part No. - A8513KLYTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
   LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
More results

Similar Description - A8513KLYTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
A8502 ALLEGRO-A8502 Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency
A8508 ALLEGRO-A8508 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8509 ALLEGRO-A8509 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Allegro MicroSystems
A8522 ALLEGRO-A8522 Datasheet
2Mb / 65P
   Wide Input Voltage, Fault Tolerant, Independently Controlled Multi-Channel LED Driver with I2C Interface
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
   LED DRIVER wide input and output voltage range SMT package
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com