Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9648BCPZ-125 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9648BCPZ-125
Description  14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9648BCPZ-125 Datasheet(HTML) 4 Page - Analog Devices

  AD9648BCPZ-125 Datasheet HTML 1Page - Analog Devices AD9648BCPZ-125 Datasheet HTML 2Page - Analog Devices AD9648BCPZ-125 Datasheet HTML 3Page - Analog Devices AD9648BCPZ-125 Datasheet HTML 4Page - Analog Devices AD9648BCPZ-125 Datasheet HTML 5Page - Analog Devices AD9648BCPZ-125 Datasheet HTML 6Page - Analog Devices AD9648BCPZ-125 Datasheet HTML 7Page - Analog Devices AD9648BCPZ-125 Datasheet HTML 8Page - Analog Devices AD9648BCPZ-125 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9648
Rev. 0 | Page 4 of 44
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 1.
AD9648-105
AD9648-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−0.8
−0.3
+0.2
−0.8
−0.3
+0.2
% FSR
Gain Error
Full
−4.20
±1.3
+4.2
−5.1
±1.3
+5.1
% FSR
Differential Nonlinearity (DNL)1
Full
−0.5
+1.2
−0.5
+1.2
LSB
25°C
±0.5
±0.5
LSB
Integral Nonlinearity (INL)1
Full
−2.3
+2.3
−2.3
+2.3
LSB
25°C
±1.0
±1.0
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
±0.01
±0.58
±0.01
±0.58
% FSR
Gain Error
Full
±0.5
±4.0
±0.5
±4.0
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
Gain Error
Full
±50
±50
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
0.98
1.00
1.02
0.98
1.00
1.02
V
Load Regulation Error at 1.0 mA
Full
2
2
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.98
0.98
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
V p-p
Input Capacitance2
Full
5
5
pF
Input Resistance (Differential)
Full
7.5
7.5
Input Common-Mode Voltage
Full
0.9
0.9
V
Input Common-Mode Range
Full
0.5
1.3
0.5
1.3
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
I
AVDD
1
Full
81
86
95
100
mA
I
DRVDD (1.8 V CMOS)
1
Full
19.2
22.5
mA
I
DRVDD(1.8 V LVDS)
1
Full
63.5
65.0
mA


Similar Part No. - AD9648BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9648BCPZ-125 AD-AD9648BCPZ-125 Datasheet
2Mb / 42P
   Analog-to-Digital Converter
More results

Similar Description - AD9648BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com