Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8513KLPTR-2-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A8513KLPTR-2-T
Description  Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8513KLPTR-2-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A8513KLPTR-2-T Datasheet HTML 7Page - Allegro MicroSystems A8513KLPTR-2-T Datasheet HTML 8Page - Allegro MicroSystems A8513KLPTR-2-T Datasheet HTML 9Page - Allegro MicroSystems A8513KLPTR-2-T Datasheet HTML 10Page - Allegro MicroSystems A8513KLPTR-2-T Datasheet HTML 11Page - Allegro MicroSystems A8513KLPTR-2-T Datasheet HTML 12Page - Allegro MicroSystems A8513KLPTR-2-T Datasheet HTML 13Page - Allegro MicroSystems A8513KLPTR-2-T Datasheet HTML 14Page - Allegro MicroSystems A8513KLPTR-2-T Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8513
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ISET pin. The limitation of this form of dimming is that the inter-
nal ISET error amplifier is designed to work from 40 to 160 μA,
thus limiting the dimming ratios that can be achieved.
Figure 7, top panel is a typical application using a DAC to control
the LED current using a single resistor connected to the ISET pin.
The ISET current is controlled by the following formula:
ISET =
VISET – VDAC
RISET
(3)
Where VISET is the ISET pin voltage and VDAC is the DAC out-
put voltage.
When the DAC voltage is equal to VISET, the internal reference,
there is no current through RISET. When the DAC voltage starts
to decrease, the ISET current starts to increase, thus increasing
the LED current. When the DAC voltage is 0 V, the LED current
will be at its maximum.
• For a dual-resistor configuration (lower panel of figure 7), the
ISET current is controlled by the following formula:
ISET =
VISET
RISET
VDAC – VISET
R1
(4)
The advantage of this circuit is that the DAC voltage can be
higher or lower, thus adjusting the LED current to a higher or
lower value of the preset LED current set by the RISET resistor:
▫ VDAC = 1.003 V; the output is strictly controlled by RISET
▫ VDAC > 1.003 V; the LED current is reduced
▫ VDAC < 1.003 V; the LED current is increased
Output Overvoltage Protection (OVP) and Output
Undervoltage Protection (UVP)
The A8513 has output overvoltage protection (OVP), output
undervoltage protection and secondary overvoltage protection
(open diode).
Overvoltage Protection
The OVP pin has a threshold, VOVPHI(th),
of 1.218 V. A resistive divider can be used to set the VOUT over-
voltage protection threshold up to 45 V (see figure 8). There is
no restriction on the value of the resistor chosen, but it is recom-
mended that the divider current be kept between 10 and 60 μA.
This will minimize the effect of sense current on the accuracy of
OVP, and minimize output voltage bleed-off during PWM dim-
ming.
Formulas for calculating the OVP resistor voltage divider are
shown below.
ROVP1 = (VOVP – 1.218 V) / ISET
(5)
ROVP2 = 1.218 V / ISET
(6)
The OVP function is not inherently a latched fault. If the OVP
condition occurs during a load dump, the IC will stop switching
but not shut down.
Figure 7. Simplified diagram of voltage LED current control (upper) single
resistor, and (lower) dual resistors.
Figure 8. Simplified diagram of the OVP pin functions.
GND
DAC
VDAC
GND
A8513
ISET
GND
DAC
VDAC
GND
A8513
ISET
RISET
R1
RISET
OVP
VOUT
ROVP1
ROVP2
A8513
1.218 V
100 mV


Similar Part No. - A8513KLPTR-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
   LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
More results

Similar Description - A8513KLPTR-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
A8502 ALLEGRO-A8502 Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency
A8508 ALLEGRO-A8508 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8509 ALLEGRO-A8509 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Allegro MicroSystems
A8522 ALLEGRO-A8522 Datasheet
2Mb / 65P
   Wide Input Voltage, Fault Tolerant, Independently Controlled Multi-Channel LED Driver with I2C Interface
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
   LED DRIVER wide input and output voltage range SMT package
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com